Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 12Page - Linear Technology LTC6909 Datasheet HTML 13Page - Linear Technology LTC6909 Datasheet HTML 14Page - Linear Technology LTC6909 Datasheet HTML 15Page - Linear Technology LTC6909 Datasheet HTML 16Page - Linear Technology LTC6909 Datasheet HTML 17Page - Linear Technology LTC6909 Datasheet HTML 18Page - Linear Technology LTC6909 Datasheet HTML 19Page - Linear Technology LTC6909 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC6909
16
6909f
APPLICATIONS INFORMATION
high impedance) and 001 (all outputs are low) are useful
for controlling the clocking of switching regulators during
start-up. At start-up, most switching regulators ignore the
clock input until a power good state is achieved. Nearly
all of Linear Technology’s switching regulators operate
in this manner. However, some switching regulators
from other vendors do not ignore the clock input on
start-up and yet are not synchronizable until the power
good state is reached. Attempting to synchronize these
switching regulators before they reach the power good
state can lead to problems. For these switching regulators
it is best to have the LTC6909 held in the PH0-PH1-PH2
codes 000 or 001 until the switching regulator issues a
power good signal. In most cases, simply connecting a
switching regulator’s power good signal to the PH0, PH1
and/or PH2 pins accomplishes this. At most, an additional
single logic inverter is required to switch from either the
000 or 001 states to any of the other six states through
a power good signal.
Another way to use the PH0, PH1 and PH2 inputs to as-
sist with power-up/down issues is to use an external part
to provide a supply monitor or an undervoltage lockout
(UVLO). There are several parts available that combine a
comparator with a reference to fulfill this function. The
LTC6909 does not have its own internal UVLO. If the
supply is below 2.7V, frequency accuracy may suffer. At
a supply voltage around 2V or lower, the LTC6909 will
operate erratically or will stop. It may stop randomly in a
logic high or low state.
Figure 8 shows a circuit using an LTC1998 to monitor the
supply voltage and control the logic state of the PH0 and
PH1 pins. The LTC1998’s threshold is set at 2.5V with
50mV of hysteresis. On power-up, as the supply ramps
up, the LTC1998 holds PH0 and PH1 low, keeping the
LTC6909’s outputs in a high impedance state. Once the
supply is above 2.55V, the LTC1998 pulls the PH0 and PH1
pins high, setting the LTC6909 into the 4-phase operating
mode. On power-down, the supply ramps down and the
LTC1998’s output goes low once the supply is below 2.45V.
This puts the LTC6909’s outputs in the high impedance
state. All switch overs are synchronized to the LTC6909’s
internal oscillator to avoid glitches and runt pulses.
To adjust the on/off supply voltage threshold, change the
configuration of the LTC1998. As with the power good
signal, at most an additional single logic inverter is required
to switch from either the 000 or 001 states to any of the
other six states.
Figure 8. Adding a UVLO Feature to the LTC6909. In This Example, the LTC6909 Is in 4-Phase Mode
for a V+ > ≈2.5V (PHx = 011) and the Outputs Are All High Impedance for V+ < ≈2.5V (PHx = 000)
LTC1998
V+
BATT
GND
VTHA
953k
49.9k
6909 F08
RSET
6
5
4
BATTLO
VLOGIC
VHA
0.1μF
0.1μF
0.1μF
1
2
3
LTC6909
V+A
GND
PH0
PH1
OUT1
OUT2
OUT3
OUT4
16
15
14
13
12
11
10
9
SET
PH2
MOD
V+D
OUT8
OUT7
OUT6
OUT5
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com