Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6909 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 3 Page - Linear Technology

  LTC6909 Datasheet HTML 1Page - Linear Technology LTC6909 Datasheet HTML 2Page - Linear Technology LTC6909 Datasheet HTML 3Page - Linear Technology LTC6909 Datasheet HTML 4Page - Linear Technology LTC6909 Datasheet HTML 5Page - Linear Technology LTC6909 Datasheet HTML 6Page - Linear Technology LTC6909 Datasheet HTML 7Page - Linear Technology LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC6909
3
6909f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RSET
Range of the RSET Resistor
Connected Between the V+A Pin and
the SET Pin
4.5V ≤ V+ ≤ 5.5V
2.7V ≤ V+ ≤ 4.5V
10
20
2000
2000
kΩ
kΩ
Frequency Spread with SSFM
Enabled
RSET = 100k
MOD Pin = V+, GND or Open
●
±7
±10
±13
%
Long-Term Stability of the Output
Frequency (Note 9)
300
ppm/√kHr
Duty Cycle (Note 6)
SSFM Disabled
●
45
50
55
%
V+A, V+D
Operating Supply Voltage Range
●
2.7
5.5
V
IS
V+ Combined Supply Current
RSET = 2M, RL = ∞, PH = 8, MOD = V+,
(fOUT = 12.5kHz), SSFM = fOUT/64
V+ = 5V
V+ = 2.7V
●
●
0.6
0.55
0.85
0.8
mA
mA
RSET = 20k, RL = ∞, PH = 3, MOD = GND,
(fOUT = 3.33MHz), SSFM = fOUT/16
V+ = 5V
V+ = 2.7V
●
●
2.4
1.55
2.7
1.8
mA
mA
RSET = 2M, RL = ∞, PH = 8, MOD = OUT1,
(fOUT = 12.5kHz), SSFM Off
V+ = 5V
V+ = 2.7V
●
●
0.4
0.37
0.65
0.6
mA
mA
VIH_MOD
High Level MOD Input Voltage
●
V+ – 0.4
V
VIL_MOD
Low Level MOD Input Voltage
●
0.4
V
IMOD
MOD Input Current (Note 7)
MOD Pin = V+, V+ = 5V
MOD Pin = GND, V+ = 5V
●
●
–4
2
–2
4μA
μA
VIH_PH
High Level PHx Input Voltage
PHx Refers to PH0, PH1 and PH2
●
V+ – 0.4
V
VIL_PH
Low Level PHx Input Voltage
PHx Refers to PH0, PH1 and PH2
●
0.4
V
IIN_PHX
Digital Input Current, PH0, PH1, PH2 0V < VIN < V+
●
±1
μA
VOH
High Level Output Voltage
(OUT1 Through OUT8)(Note 7)
V+ = 5V
No Load
5mA Load to GND
●
4.35
4.92
4.65
V
V
V+ = 2.7V
No Load
3mA Load to GND
●
2.1
2.63
2.4
V
V
VOL
Low Level Output Voltage
(OUT1 Through OUT8)(Note 7)
V+ = 5V
No Load
5mA Load to V+
●
0.07
0.25
0.55
V
V
V+ = 2.7V
No Load
3mA Load to V+
●
0.07
0.25
0.55
V
V
tr
Output Rise Time (Note 8)
V+ = 5V
V+ = 2.7V
1.6
2.5
ns
ns
tf
Output Fall Time (Note 8)
V+ = 5V
V+ = 2.7V
1.6
2
ns
ns
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C or as noted. Test conditions are V+ = V+A = V+D = 2.7V to 5.5V, RL = 5k,
CL = 5pF unless otherwise noted. The modulation is turned off (MOD is connected to OUT1) and PH = 8 unless otherwise specified.
RSET is defined as the resistor connected from the SET pin to the V+A pin.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: LTC6909C and the LTC6909I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 3: The LTC6909C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6909C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6909I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6909H is guaranteed
to meet specified performance from –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com