Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
GENERAL RELEASE SPECIFICATION
RESETS
Rev. 2.0
5-1
SECTION 5
RESETS
The MCU can be reset three ways: by the initial power-on reset function, by an
active low input to the RESET pin, and by a computer operating properly (COP)
watchdog-timer timeout.
5.1
Power-On Reset (POR)
An internal reset is generated on power-up to allow the internal clock generator to
stabilize. The power-on reset is strictly for power turn-on conditions and should
not be used to detect a drop in the power supply voltage.
There is a 4064 internal processor clock cycle (tcyc) oscillator stabilization delay
after the oscillator becomes active. If the RESET pin is low at the end of this 4064-
cycle delay, the MCU will remain in the reset condition until RESET goes high.
5.2
RESET Pin
The MCU is reset when a logic zero is applied to the RESET input for a period of
one and one-half machine cycles (t
cyc).
5.3
Computer Operating Properly (COP) Reset
The MCU contains a watchdog timer that automatically times out if not reset
(cleared) within a specific time by a program reset sequence.
If the COP
watchdog timer is allowed to time-out, an internal reset is generated to reset the
MCU. Because the internal RESET signal is used, the MCU comes out of a COP
reset in the same operating mode it was in when the COP time-out was
generated.
The COP reset function is enabled or disabled by a mask option.
Refer to SECTION 9 COMPUTER OPERATING PROPERLY (COP) for more
information on the COP.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com