Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
MC68HC05P9A
1-6
Rev. 2.0
1.5.7 SDO/PB5, SDI/PB6, and SCK/PB7
Port B is a 3-bit bidirectional port. These pins are shared with the SIOP
subsystem. Refer to SECTION 7 SIMPLE SERIAL INPUT/OUTPUT PORT for a
detailed description of the SIOP. The address of the port B data register is $0001
and the data direction register is at address $0005. Reset does not affect the data
registers, but clears the data direction registers, thereby returning the ports to
inputs. Writing a one to a DDR bit sets the corresponding port bit to output mode.
1.5.8 PC0 through PC2, PC3/AN3, PC4/AN2, PC5/AN1, PC6/AN0, PC7/VRH
Port C, as an 8-bit shared function port, shares five of its pins with the A/D
converter. When the A/D converter is not enabled, PC7–PC0 form an 8-bit
general-purpose bidirectional I/O port. The contents of data direction register C
(DDRC) determine whether each pin is an input or an output.
When the A/D converter is enabled, PC7 becomes VRH, and PC6–PC3 become
AN0–AN3 (analog inputs 0–3). The values of CH1 and CH0 in the A/D status and
control register (ADSCR) select one of the four pins as the input to the A/D
converter. When the A/D converter is enabled a digital read of port C gives a
logical zero from the selected analog input pin. A digital read of port C’s remaining
pins gives their correct digital values. VRH is the positive (high) reference voltage
for the A/D converter. VSS is the negative (low) reference voltage. A reset turns off
the A/D converter and configures port C as a general-purpose I/O port. See
SECTION 10 ANALOG-TO-DIGITAL (A/D) CONVERTER.
The address of the port C data register is $0002 and the data direction register is
at address $0006. Reset does not affect the data registers, but clears the data
direction registers, thereby returning the ports to inputs. Writing a one to a DDR
bit sets the corresponding port bit to output mode. Two of the port C pins, PC0 and
PC1, have a higher current drive capability. See SECTION 13 ELECTRICAL
SPECIFICATIONS.
1.5.9 PD5 and TCAP/PD7
Port D is a 2-bit port. PD5 is I/O and TCAP/PD7 is input-only shared with the timer
input capture. The address of the port D data register is $0003 and the data
direction register is at address $0007. Reset does not affect the data registers, but
clears the data direction registers, thereby returning the ports to inputs. Writing a
one to a DDR bit sets the corresponding port bit to output mode. The TCAP/PD7
pin controls the input capture feature for the on-chip programmable timer. This pin
can be read at any time even if the TCAP function is enabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com