Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
GENERAL RELEASE SPECIFICATION
TIMER
Rev. 2.0
8-5
8.4
Timer Control Register (TCR) $12
The TCR is a read/write register containing five control bits. Three bits control
interrupts associated with the timer status register flags ICF, OCF, and TOF.
ICIE — Input Capture Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
OCIE — Output Compare Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
TOIE — Timer Overflow Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
IEDG — Input Edge
Value of input edge determines which level transition on TCAP pin will trigger
free-running counter transfer to the input capture register
1 =
Positive edge
0 =
Negative edge
Reset does not affect the IEDG bit (U=unaffected).
OLVL — Output Level
Value of output level is clocked into output level register by the next successful
output compare and will appear on the TCMP pin
1 =
High output
0 =
Low output
Bits 2, 3, and 4 — Not used
Always read zero
$12
ICIE
OCIE
TOIE
0
0
0
IEDG
OLVL
RESET:
00000000
Figure 8-2. Timer Control Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com