Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ANALOG-TO-DIGITAL (A/D) CONVERTER
Rev. 2.0
10-3
CH1–CH0 — Channel Select
These bits select one of the four A/D inputs (AN3, AN2, AN1, or AN0) for
conversion. Refer to Table 10-1).
To prevent excess power dissipation, do not use a port C pin as an analog input
and a digital input at the same time.
Using one of the port C pins as the A/D converter input does not affect the ability
to use the remaining port C pins as digital inputs.
Performing a digital read of a port C pin that is selected as an analog input returns
a logical zero.
10.3
A/D Data Register (ADDR)
The A/D data register is a read-only register that contains the result of the most
recent A/D conversion. This register is updated each time the conversion
complete flag (CCF) is set in the A/D status and control register.
10.4
A/D Converter During Wait Mode
The A/D converter continues to operate normally while the MCU is in wait mode. If
the A/D converter is not being used, clear the ADON and ADRC bits in the A/D
status and control register to decrease power consumption during wait mode.
Table 10-1. A/D Input Selection
CH1:CH0
Input Selected
00
AN0, Port C Bit 6
01
AN1, Port C Bit 5
10
AN2, Port C Bit 4
11
AN3, Port C Bit 3
$001D
Bit 7
654321
Bit 0
RESET:
A/D DATA REGISTER NOT AFFECTED BY RESET
Figure 10-2. A/D Data Register (ADDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com