Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
GENERAL RELEASE SPECIFICATION
GENERAL DESCRIPTION
Rev. 2.0
1-5
1.5.3 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit. A crystal, a
ceramic resonator, a resistor/capacitor combination, or an external signal
connects to these pins and provides a system clock. A mask option selects either
a crystal/ceramic resonator or a resistor/capacitor as the frequency determining
element. The oscillator frequency is two times the internal bus rate.
1.5.4 RESET
This active low pin is used to reset the MCU to a known start-up state by pulling
RESET low. The RESET pin contains an internal Schmitt trigger as part of its
input to improve noise immunity.
1.5.5 TCMP
This pin provides an output for the output compare feature of the on-chip timer
system.
1.5.6 PA0 through PA7
Port A is an 8-bit bidirectional port which does not share any of its pins with other
subsystems. The port A data register is at $0000, and the data direction register is
at $0004. Reset does not affect the data registers, but clears the data direction
registers, thereby returning the ports to inputs. Writing a one to a DDR bit sets the
corresponding port bit to output mode. Port A has mask option enabled pullup
devices and interrupt capability by pin. For a detailed description of I/O
programming, refer to 1.6 Input/Output Programming.
Figure 1-3. Port A Pullup Option
PA0
VDD
VDD
DDR Bit
Normal Port
From all other Port A pins
IRQ
Schmitt
Trigger
To Interrupt
Logic
Mask Option
Circuitry
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com