Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
GENERAL RELEASE SPECIFICATION
ELECTRICAL SPECIFICATIONS
MC68HC05P9A
13-2
Rev. 2.0
13.3
DC Electrical Characteristics
Table 13-1. DC Electrical Characteristics (VDD = 5 V)
(VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = -40°C to +125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
I
LOAD = 10.0 µA
I
LOAD = -10.0 µA
V
OL
V
OH
—
V
DD-0.1
—
—
0.1
—
V
Output High Voltage
(I
LOAD = -0.8 mA) PA0-PA7, PB5-PB7, PC2-PC7, PD5, TCMP
(I
LOAD = -5.0 mA) PC0-PC1
V
OH
V
OH
V
DD-0.8
V
DD-0.8
—
—
—
—
V
Output Low Voltage
(I
LOAD = 1.6 mA) PA0-PA7, PB5-PB7, PC2-PC7, PD5, TCMP
(I
LOAD = 15 mA) PC0-PC1
V
OL
V
OL
—
—
—
—
0.4
0.4
V
Input High Voltage
PA0-PA7, PB5-PB7, PC0-PC7, PD5, TCAP/PD7,
IRQ, RESET, OSC1
V
IH
0.7
× V
DD
—V
DD
V
Input Low Voltage
PA0-PA7, PB5-PB7, PC0-PC7, PD5, TCAP/PD7,
IRQ, RESET, OSC1
V
IL
V
SS
—
0.2
× V
DD
V
Supply Current
Run (A/D Enabled)
Wait (A/D Enabled)
Wait (A/D Disabled)/Halt
Stop
25
°C
0
°C to +70°C
-40
°C to +85°C
-40
°C to +105°C
-40
°C to +125°C
I
DD
—
—
—
—
—
—
—
—
3.3
1.7
1.0
2
—
—
—
—
TBD
TBD
TBD
5
TBD
TBD
TBD
100
mA
mA
mA
µA
µA
µA
µA
µA
I/O Ports Hi-Z Leakage Current
PA0-PA7, PB5-PB7, PC0-PC2, PD5
IIL
——
± 10
µA
A/D Ports Hi-Z Leakage Current
PC3–PC7
IOZ
——
± 1
µA
Input Current
RESET, IRQ, OSC1, TCAP/PD7
I
IN
——
± 1
µA
I/O Ports Switch Resistance
(Pullup Enabled PA0-PA7)
RPTA
TBD
15
TBD
k
Ω
Capacitance
Ports (as Input or Output)
RESET, IRQ
C
OUT
C
IN
—
—
—
—
12
8
pF
NOTES:
1. All values shown reflect average measurements.
2. Typical values at midpoint of voltage range, 25
°C.
3. Wait IDD: Only timer system active.
4. Run (Operating) IDD, Wait IDD: Measured using external square wave clock source (fosc= 4.2 MHz), all inputs 0.2 V from
rail; no dc loads, less than 50 pF on all outputs, CL = 20 pF on OSC2.
5. Wait, Stop IDD: All ports configured as inputs, VIL = 0.2 V, VIH = VDD -0.2 V.
6. Wait IDD is affected linearly by the OSC2 capacitance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com