Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05P9A Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 68HC05P9A
Description  SPECIFICATION(General Release)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05P9A Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 68HC05P9A Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05P9A Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
GENERAL RELEASE SPECIFICATION
SIMPLE SERIAL INPUT/OUTPUT PORT
Rev. 2.0
7-1
SECTION 7
SIMPLE SERIAL INPUT/OUTPUT PORT
This device includes a simple synchronous serial I/O port. The SIOP is a three
wire master/slave system including serial clock (SCK), serial data input (SDI), and
serial data output (SDO). A mask programmable option determines whether the
SIOP is MSB or LSB first.
7.1
Signal Format
The following paragraphs describe the SIOP signal format.
7.1.1 Serial Clock (SCK)
The state of SCK between transmissions and prior to enabling the SIOP must be
logic one. The first falling edge of SCK signals the beginning of a transmission.
At this time, the first bit of received data is accepted at the SDI pin and the first bit
of transmitted data is presented at the SDO pin. Data is captured at the SDI pin
on the rising edge of SCK. Subsequent falling edges shift the data and accept or
present the next bit. The transmission is ended upon the eighth rising edge of
SCK. The maximum frequency of SCK in slave mode is equal to E (bus clock)
divided by four. That is, for a 4-MHz oscillator input, E becomes 2 MHz and the
maximum SCK frequency is 0.5 MHz. There is no minimum SCK frequency.
Figure 7-1. SIOP Block Diagram
8-BIT SHIFT REGISTER
D
Q
R
C
RESET
SDO
SCK
SDI
MSB/LSB MASK OPTION
DATA BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com