Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 4Page - STMicroelectronics TSA1002 Datasheet HTML 5Page - STMicroelectronics TSA1002 Datasheet HTML 6Page - STMicroelectronics TSA1002 Datasheet HTML 7Page - STMicroelectronics TSA1002 Datasheet HTML 8Page - STMicroelectronics TSA1002 Datasheet HTML 9Page - STMicroelectronics TSA1002 Datasheet HTML 10Page - STMicroelectronics TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
8/20
DEFINITIONS OF SPECIFIED PARAMETERS
STATIC PARAMETERS
Static measurements are performed through
method of histograms on a 2MHz input signal,
sampled at 40Msps, which is high enough to fully
characterize the test frequency response. The
input level is +1dBFS to saturate the signal.
Differential Non Linearity (DNL)
The average deviation of any output code width
from the ideal code width of 1 LSB.
Integral Non linearity (INL)
An ideal converter presents a transfer function as
being the straight line from the starting code to the
ending code. The INL is the deviation for each
transition from this ideal curve.
DYNAMIC PARAMETERS
Dynamic
measurements
are
performed
by
spectral analysis, applied to an input sine wave of
various frequencies and sampled at 40Msps.
The input level is -1dBFS to measure the linear
behavior of the converter. All the parameters are
given without correction for the full scale ampli-
tude performance except the calculated ENOB
parameter.
Spurious Free Dynamic Range (SFDR)
The ratio between the power of the worst spurious
signal (not always an harmonic) and the amplitude
of fundamental tone (signal power) over the full
Nyquist band. It is expressed in dBc.
Total Harmonic Distortion (THD)
The ratio of the rms sum of the first five harmonic
distortion components to the rms value of the
fundamental line. It is expressed in dB.
Signal to Noise Ratio (SNR)
The ratio of the rms value of the fundamental
component to the rms sum of all other spectral
components in the Nyquist band (fs/2) excluding
DC, fundamental and the first five harmonics.
SNR is reported in dB.
Signal to Noise and Distortion Ratio (SINAD)
Similar ratio as for SNR but including the harmonic
distortion components in the noise figure (not DC
signal). It is expressed in dB.
From the SINAD, the Effective Number of Bits
(ENOB) can easily be deduced using the formula:
SINAD= 6.02
× ENOB + 1.76 dB.
When the applied signal is not Full Scale (FS), but
has an A0 amplitude, the SINAD expression
becomes:
SINAD2Ao=SINADFull Scale+ 20 log (2A0/FS)
SINAD2Ao=6.02 × ENOB + 1.76 dB + 20 log (2A0/
FS)
The ENOB is expressed in bits.
Analog Input Bandwidth
The maximum analog input frequency at which the
spectral response of a full power signal is reduced
by 3dB. Higher values can be achieved with
smaller input levels.
Effective Resolution Bandwidth (ERB)
The band of input signal frequencies that the ADC
is intended to convert without loosing linearity i.e.
the maximum analog input frequency at which the
SINAD is decreased by 3dB or the ENOB by 1/2
bit.
Pipeline delay
Delay between the initial sample of the analog
input and the availability of the corresponding
digital data output, on the output bus. Also called
data latency. It is expressed as a number of clock
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com