Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 8Page - STMicroelectronics TSA1002 Datasheet HTML 9Page - STMicroelectronics TSA1002 Datasheet HTML 10Page - STMicroelectronics TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics TSA1002 Datasheet HTML 15Page - STMicroelectronics TSA1002 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
12/20
TSA1002 APPLICATION NOTE
DETAILED INFORMATION
The TSA1002 is a high speed analog to digital
converter based on a pipeline architecture and the
latest deep submicron CMOS process to achieve
the best performances in terms of linearity and
power consumption.
The pipeline structure consists of 9 internal
conversion stages in which the analog signal is
fed and sequentially converted into digital data.
Each 8 first stages consists of an Analog to Digital
converter, a Digital to Analog converter, a Sample
and Hold and a gain of 2 amplifier. A 1.5bit
conversion resolution is achieved in each stage.
The latest stage simply is a comparator. Each
resulting LSB-MSB couple is then time shifted to
recover from the conversion delay. Digital data
correction
completes
the
processing
by
recovering from the redundancy of the (LSB-MSB)
couple for each stage. The corrected data are
outputted through the digital buffers.
Input signal is sampled on the rising edge of the
clock while digital outputs are delivered on the
falling edge of the Data Ready signal.
The advantages of such a converter reside in the
combination of pipeline architecture and the most
advanced technologies. The highest dynamic
performances are achieved while consumption
remains at the lowest level.
Some functionalities have been added in order to
simplify as much as possible the application
board. These operational modes are described in
the following table.
The TSA1002 is pin to pin compatible with the
8bits/40Msps
TSA0801,
the
10bits/25Msps
TSA1001 and the 12bits/50Msps TSA1201. This
ensures a conformity within the product family and
above all, an easy upgrade of the application.
OPERATIONAL MODES DESCRIPTION
Data Format Select (DFSB)
When set to low level (VIL), the digital input DFSB
provides a twoís complement digital output MSB.
This can be of interest when performing some
further signal processing.
When set to high level (VIH), DFSB provides a
standard binary output coding.
Output Enable (OEB)
When set to low level (VIL), all digital outputs
remain active and are in low impedance state.
When set to high level (VIH), all digital outputs
buffers are in high impedance state. This results in
lower consumption while the converter goes on
sampling.
When OEB is set to low level again, the data is
then valid on the output with a very short Ton
delay.
The timing diagram page 4 summarizes this
operating cycle.
Out of Range (OR)
This function is implemented on the output stage
in order to set up an "Out of Range" flag whenever
the digital data is over the full scale range.
Typically, there is a detection of all the data being
at í0í or all the data being at í1í. This ends up with
an output signal OR which is in low level state
(VOL) when the data stay within the range, or in
high level state (VOH) when the data are out of the
range.
Inputs
Outputs
Analog input differential level
DFSB
OEB
OR
DR
Most Significant Bit (MSB)
(VIN-VINB)
>
RANGE
H
L
H
CLK
D9
-RANGE
>
(VIN-VINB)
H
L
H
CLK
D9
RANGE>
(VIN-VINB)
>-RANGE
H
L
L
CLK
D9
(VIN-VINB)
>
RANGE
L
L
H
CLK
Complemented D9
-RANGE
>
(VIN-VINB)
L
L
H
CLK
Complemented D9
RANGE>
(VIN-VINB)
>-RANGE
L
L
L
CLK
Complemented D9
XX
H
HZ
HZ
HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com