Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics TSA1002 Datasheet HTML 15Page - STMicroelectronics TSA1002 Datasheet HTML 16Page - STMicroelectronics TSA1002 Datasheet HTML 17Page - STMicroelectronics TSA1002 Datasheet HTML 18Page - STMicroelectronics TSA1002 Datasheet HTML 19Page - STMicroelectronics TSA1002 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
16/20
Power consumption
The internal architecture of the TSA1002 enables
to optimize the power consumption according to
the sampling frequency of the application. For this
purpose, a resistor is placed between IPOL and
the analog Ground pins. The figure 10 sums up
the relevant data.
The TSA1002 will combine highest performances
and lowest consumption at 50Msps when Rpol is
in the range of 12k
Ω to 20kΩ.
At lower sampling frequency, this value of resistor
may be changed and the consumption will
decrease as well.
Figure 10 : Analog Current consumption vs. Fs
According value of Rpol polarization resistance
Linearity, distortion performance towards
Clock Duty Cycle variation
The TSA1002 has an outstanding behaviour
towards clock duty cycle variation and it may be
also reinforced with adjustment of analog current
consumption.
Linearity vs. Duty cycle
Fs=50MSPS; consumption optimized; Fin=1MHz
Distortion vs. Duty cycle
Fs=50MSPS; consumption optimized; Fin=1MHz
Linearity vs. Duty cycle
Fs=50MSPS; Icca=20mA; Fin=10MHz
Distortion vs. Duty cycle
Fs=50MSPS; Icca=20mA; Fin=10MHz
0
10
20
30
40
50
60
25
35
45
55
65
75
Fs (MHz)
0
2
4
6
8
10
12
14
16
18
20
RPOL
ICCA
0
10
20
30
40
50
60
70
80
30
40
50
60
70
Duty Cycle (%)
3
4
5
6
7
8
9
10
SINAD
ENOB
SNR
IccA
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
30
40
50
60
70
Duty Cycle (%)
10
20
30
40
50
60
70
SFDR
THD
IccA
30
35
40
45
50
55
60
65
70
75
80
40
45
50
55
60
Duty Cycle (%)
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
SINAD
ENOB
SNR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
40
45
50
55
60
Duty Cycle (%)
SFDR
THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com