Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 6Page - STMicroelectronics TSA1002 Datasheet HTML 7Page - STMicroelectronics TSA1002 Datasheet HTML 8Page - STMicroelectronics TSA1002 Datasheet HTML 9Page - STMicroelectronics TSA1002 Datasheet HTML 10Page - STMicroelectronics TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
10/20
Linearity vs. Fs
Fin=15MHz; Rpol adjustment
Linearity vs. Fin
Fs=50MSPS; Icca=20mA
Linearity vs.Temperature
Fs=50MSPS; Icca=20mA; Fin=5MHz
Distortion vs. Fs
Fin=15MHz; Rpol adjustment
Distortion vs. Fin
Fs=50MSPS; Icca=20mA
Distortion vs. Temperature
Fs=50MSPS; Icca=20mA; Fin=5MHz;
30
40
50
60
70
80
90
100
25
35
45
55
Fs (MHz)
4
5
6
7
8
9
10
ENOB
SNR
SINAD
40
45
50
55
60
65
70
75
80
020
40
60
Fin (MHz)
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
ENOB
SNR
SINAD
45
50
55
60
65
70
-40
10
60
Temperature ( C)
8
8.2
8.4
8.6
8.8
9
9.2
9.4
9.6
9.8
10
SINAD
ENOB
SNR
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
25
35
45
55
Fs (MHz)
THD
SFDR
-100
-90
-80
-70
-60
-50
-40
-30
0
204060
Fin (MHz)
THD
SFDR
45
50
55
60
65
70
75
80
85
90
-40
10
60
Temperature ( C)
SFDR
THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com