Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 7Page - STMicroelectronics TSA1002 Datasheet HTML 8Page - STMicroelectronics TSA1002 Datasheet HTML 9Page - STMicroelectronics TSA1002 Datasheet HTML 10Page - STMicroelectronics TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics TSA1002 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
11/20
Linearity vs. AVcc
Fs=50MSPS; Icca=20mA; Fin=1MHz
Linearity vs. DVcc
Fs=50MSPS; Icca=20mA; Fin=1MHz
Linearity vs. VccB
Fs=50MSPS; Icca=20mA; Fin=1MHz
Distortion vs. AVcc
Fs=50MSPS; Icca=20mA; Fin=1MHz
Distortion vs. DVcc
Fs=50MSPS; Icca=20mA; Fin=1MHz
Distortion vs. VccB
Fs=50MSPS; Icca=20mA; Fin=1MHz
56
57
58
59
60
61
62
63
64
2.25
2.35
2.45
2.55
2.65
AVCC (V)
9
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10
SINAD
ENOB
SNR
50
52
54
56
58
60
62
64
2.25
2.35
2.45
2.55
2.65
DVCC (V)
9.4
9.5
9.6
9.7
9.8
9.9
10
SINAD
ENOB
SNR
54
56
58
60
62
64
66
68
70
2.25
2.35
2.45
2.55
2.65
VCCB (V)
9
9.1
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10
SINAD
ENOB
SNR
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
2.25
2.35
2.45
2.55
2.65
AVCC (V)
SFDR
THD
-100
-90
-80
-70
-60
-50
-40
2.25
2.35
2.45
2.55
2.65
DVCC (V)
SFDR
THD
-100
-90
-80
-70
-60
-50
-40
2.25
2.35
2.45
2.55
2.65
VCCB (V)
SFDR
THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com