Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 9Page - STMicroelectronics TSA1002 Datasheet HTML 10Page - STMicroelectronics TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics TSA1002 Datasheet HTML 15Page - STMicroelectronics TSA1002 Datasheet HTML 16Page - STMicroelectronics TSA1002 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
13/20
Data Ready (DR)
The Data Ready output is an image of the clock
being synchronized on the output data (D0 to D9).
This is a very helpful signal that simplifies the
synchronization of the measurement equipment or
the controlling DSP.
As digital output, DR goes in high impedance state
when OEB is asserted to High level as described
in the timing diagram page 4.
REFERENCES AND COMMON MODE
CONNECTION
VREFM must be always connected externally.
Internal reference and common mode
In the default configuration, the ADC operates with
its own reference and common mode voltages
generated by its internal bandgap. VREFM pin is
connected externally to the Analog Ground while
VREFP (respectively INCM) is set to its internal
voltage of 1.03V (respectively 0.57V). It is
recommended to decouple the VREFP in order to
minimize low and high frequency noise (refer to
Figure 1)
Figure 1 : Internal reference and common mode
setting
External reference and common mode
Each of the voltages VREFM, VREFP and INCM
can be fixed externally to better fit to the
application needs (Refer to Table íOPERATING
CONDITIONSí p2 for min and max values).
The VREFP, VREFM voltages set the analog
dynamic at the input of the converter that has a full
scale amplitude of 2*(VREFP-VREFM).
In case of analog dynamic lower than 2Vpp, the
best linearity
and
distortion
performance
is
achieved while increasing the VREFM voltage
instead of lowering the VREFP one.
The INCM is the mid voltage of the analog input
signal.
It is possible to use an external reference voltage
device for specific applications requiring even
better
linearity,
accuracy
or
enhanced
temperature behavior.
Using
the
STMicroelectronics
TS821
or
TS4041-1.2 Vref leads to optimum performances
when configured as shown on Figure 2.
Figure 2 : External reference setting
At 15Msps sampling frequency, 1MHz input
frequency
and
-1dBFS
amplitude
signal,
performances can be improved up to 2dB on
SFDR and 0.3dB on SINAD. At 50Msps sampling
frequency, 1MHz input frequency and -1dBFS
amplitude signal, performances can be improved
up to 1dBc on SFDR and 0.6dB on SINAD.
This
can
be
very
helpful for
example
for
multichannel application to keep a good matching
among the sampling frequency range.
TSA1002
VIN
VINB
VREFM
1.03V
VREFP
330pF
4.7uF
10nF
INCM
330pF
4.7uF
10nF
0.57V
1k
Ω
TSA1002
VIN
VINB
VREFM
VREFP
external
reference
VCCA
330pF
4.7uF
10nF
TS821
TS4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com