Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics TSA1002 Datasheet HTML 15Page - STMicroelectronics TSA1002 Datasheet HTML 16Page - STMicroelectronics TSA1002 Datasheet HTML 17Page - STMicroelectronics TSA1002 Datasheet HTML 18Page - STMicroelectronics TSA1002 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TSA1002
15/20
Figure 6 : Input dynamic range for the various configurations
The applications requiring single-ended inputs
can be configured like reported on Figure 7 for an
AC-coupled input or on Figure 8 and 9 for a
DC-coupled input.
In the case of AC-coupled analog input, the
analog inputs Vin and Vinb are biased to the same
voltage that is the common mode voltage of the
circuit (INCM). The INCM and reference voltages
may remain at their internal level but can also be
fixed externally.
Figure 7 : AC-coupled Single-ended input
In the case of DC-coupled analog input with 1V
DC signal, the DC component of the analog input
set the common mode voltage. As an example fig-
ure 8, INCM is set to the 1V DC analog input while
VREFM is connected to ground and VREFP let in-
ternal; we achieve a 2Vpp differential amplitude.
Figure 9 describes a configuration for a 1Vpp
analog signal with a 0.5V DC input. In this case,
while VREFP is kept internally at 1V, VREFM is
connected to VINB and INCM externally to 0.5V;
the dynamic is then 1Vpp (VREFP-VREFM=0.5V).
Figure 8 : DC-coupled 2Vpp analog input
Figure 9 : DC-coupled 1Vpp analog input
Dynamic characteristics, while not being as
remarkable as for differential configuration, are
still of very good quality. Measurements done at
50Msps, 2MHz input frequency, -1dBFS input
level sum up these performances. An SFDR of
-64.5dBc, a SNR of 57.8dB and an ENOB Full
Scale of 9.3bits are achieved.
INCM
+FS: code 1023
VIN
VINB
0: code 511
-FS: code 0
Differential configuration
Single-ended configuration:
balanced inputs
Single-ended configuration:
unbalanced inputs
INCM
+FS: code 1023
-FS: code 0
0: code 511
INCM
VIN
+FS + offset: code > 1023
-FS + offset: code > 0
VIN
VINB
INCM
VIN
VINB
INCM
VIN
VINB
INCM
VIN
Wrong configuration!
Ao + ac
Ao + ac
Ao
Ao + ac
Ao
Ao
Ao + ac
VIN - VINB
VIN - VINB
VIN - VINB
VINB
50
Ω
10nF
Signal source
TSA1002
VIN
VINB
INCM
33pF
100k
Ω
100k
Ω
common
mode
TSA1002
VIN
VINB
INCM
330pF
4.7uF
10nF
Analog
DC
AC+DC
VREFP
VREFM
VREFP-VREFM = 1 V
330pF
4.7uF
10nF
Analog
DC
AC+DC
TSA1002
VIN
VINB
INCM
VREFM
VREFP-VREFM = 0.5 V
0.5V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com