Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 10Page - STMicroelectronics TSH512 Datasheet HTML 11Page - STMicroelectronics TSH512 Datasheet HTML 12Page - STMicroelectronics TSH512 Datasheet HTML 13Page - STMicroelectronics TSH512 Datasheet HTML 14Page - STMicroelectronics TSH512 Datasheet HTML 15Page - STMicroelectronics TSH512 Datasheet HTML 16Page - STMicroelectronics TSH512 Datasheet HTML 17Page - STMicroelectronics TSH512 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Application information
TSH512
14/31
Doc ID 8120 Rev 7
4
Application information
This section gives application information for some typical applications.
4.1
Infrared stereo transmitter application (stereo headphones)
In this application, shown in Figure 21, the hi-fi stereo audio is amplified and level regulated
by ALC. The carrier of each transmitter TX1 or TX2 of the TSH512 is modulated in FM and
buffered to drive the LED.
Figure 21.
Hi-fi stereo headphone block diagram
The audio signals are transmitted on the left and the right channels using 2.8- and 2.3-MHz
carriers. The VOX activates the TX1 transmitter when the audio signal is present
(Figure 22).
Audio
amp1
Audio
amp2
LNA
LNA + ALC
LNA + ALC
SBY
buffer1
buffer2
RX2
RX1
Line inputs
Right
channel
Left
channel
Vcc
LED
photodiode
filter
filter
2.3 MH z
2.8 MH z
Vcc: 2.3 to 5.5V
Current < 15 mA
TSH512
TSH511
20 mW / 16
Ω
20 mW / 16
Ω
Power supply:
2.3 to 5.5V
Icc < 20 mA stereo
IR stereo HiFi transmitter
Headphone side
HiF
i s
ter
eo
:
2.3
&
2.
8 M
Hz
ca
rrie
rs
VOX
TX1
TX2
RX2
RX1
LED
filter
20 mW / 16
Ω
20 mW / 16
Ω
:
:
VOX
TX1
TX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com