Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH512 Datasheet HTML 1Page - STMicroelectronics TSH512 Datasheet HTML 2Page - STMicroelectronics TSH512 Datasheet HTML 3Page - STMicroelectronics TSH512 Datasheet HTML 4Page - STMicroelectronics TSH512 Datasheet HTML 5Page - STMicroelectronics TSH512 Datasheet HTML 6Page - STMicroelectronics TSH512 Datasheet HTML 7Page - STMicroelectronics TSH512 Datasheet HTML 8Page - STMicroelectronics TSH512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
May 2009
Doc ID 8120 Rev 7
1/31
31
TSH512
Hi-fi stereo/mono infrared transmitter
and stereo sub-carrier generator
Features
■ Supply voltage: 2.3 to 5.5 V
■ Carrier frequency range: 0.4 to 11 MHz
■ High versatility: I/O pins for each section
■ Two FM transmitters for stereo
■ Sinusoidal carriers for high spectral purity
■ Micro- or line-level preamplifiers with ALC
■ VOX function to save on battery power
■ Transmitter TX2 standby for mono operation
Applications
■ Infrared hi-fi stereo transmitters
■ Infrared headsets
■ Stereo sub-carriers for video transmitters
■ Voice-operated wireless webcams
■ FM IF transmit systems
Description
The TSH512 is a 0.4- to 11-MHz dual FM
transmitter. Access pins to each section give high
versatility and allow for several different
applications: stereo headphone, multimedia
headset, audio sub-carrier generator.
The TSH512 integrates in a single chip low-noise
audio preamplifiers with ALC (automatic level
control), frequency-modulated oscillators, and
linear output buffers to drive the external
transistors. The sinusoidal carriers facilitate the
filtering and allow high performance audio
transmission.
The VOX (voice operated transmit) circuitry
disables the output buffer when there is no audio
signal to save battery power. For MONO
applications, the STANDBY pin enables one
transmitter only, reducing the supply current.
The TSH512 forms a chipset with the dual
receiver TSH511.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
+
-+
-
TSH512
Monostable
ALC
ALC
VCO
VCO
Output
buffer
Output
buffer
TX1
TX2
LNA
LNA
VOX
-
+
PEA
PEA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
--+
-
+
-
TSH512
Monostable
ALC
ALC
VCO
VCO
Output
buffer
Output
buffer
TX1
TX2
LNA
LNA
VOX
-
+
PEA
PEA
Pin connections (top view)
F
TQFP44
10 x 10 mm
www.st.com


Similar Part No. - TSH512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
TSH512C STMICROELECTRONICS-TSH512C Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
TSH512CF STMICROELECTRONICS-TSH512CF Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
TSH512CFT STMICROELECTRONICS-TSH512CFT Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
More results

Similar Description - TSH512

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
Hi-fi stereo audio processor; I2C bus
May 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
Hi-fi stereo audio processor; I2C-bus
October 1988
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511 Datasheet
1Mb / 18P
HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
Dec-2002
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 19P
HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
Dec-2002
logo
List of Unclassifed Man...
500028 ETC2-500028 Datasheet
57Kb / 2P
Stereo Hi-Fi Balun
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
logo
NXP Semiconductors
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
Hi-fi stereo audio processor; I2C-bus
October 1988
logo
List of Unclassifed Man...
TWS-F86L ETC2-TWS-F86L Datasheet
494Kb / 3P
HI POWER 10mW FM stereo transmitter
logo
Rohm
BU2682MUV-E2 ROHM-BU2682MUV-E2 Datasheet
41Kb / 2P
Broadcast station-level Hi-Fi stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com