Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 16Page - STMicroelectronics TSH512 Datasheet HTML 17Page - STMicroelectronics TSH512 Datasheet HTML 18Page - STMicroelectronics TSH512 Datasheet HTML 19Page - STMicroelectronics TSH512 Datasheet HTML 20Page - STMicroelectronics TSH512 Datasheet HTML 21Page - STMicroelectronics TSH512 Datasheet HTML 22Page - STMicroelectronics TSH512 Datasheet HTML 23Page - STMicroelectronics TSH512 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
General description
TSH512
20/31
Doc ID 8120 Rev 7
Figure 27.
Electret condenser microphone source
The capacitor C in series with the microphone stops the DC coming from MIC-BIAS.
The resistor R provides the DC from MIC-BIAS to supply the ECM.
Thanks to the automatic level control (ALC), the great variations of amplitude will not over-
modulate the transmitter (refer to the Section 5.4: ALC section: automatic level control).
The self-adaptive VOX (voice operated transmit) offers automatic transmitting with a good
discrimination of the background noise (see Section 5.5: VOX description: voice operated
transmit on page 21).
5.3
MIC-BIAS section: microphone bias voltage
The MIC-BIAS bias voltages are dedicated to the bias of electret condenser microphones.
These bias voltages on pin 10 for TX1 and pin 2 for TX2 exhibit a low voltage noise density
of 22 nV/
√Hz). This allows more than 55 dB S/N considering a bandwidth of 7 kHz
(Figure 27).
The MIC-BIAS voltage is related to VCC as follows (with I MIC-BIAS= 2.5 mA):
VMIC-BIAS = 0.844.Vcc-0.140 (volts)
Moreover, the supply rejection ratio is guaranteed to be better than 50 dB without any
decoupling capacitor. To address biasing of most of the microphones, the current drive
capability is 2.5 mA. The MIC-BIAS voltage depends linearly on the supply voltage VCC
(refer to Figure 11 on page 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com