Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH512 Datasheet HTML 1Page - STMicroelectronics TSH512 Datasheet HTML 2Page - STMicroelectronics TSH512 Datasheet HTML 3Page - STMicroelectronics TSH512 Datasheet HTML 4Page - STMicroelectronics TSH512 Datasheet HTML 5Page - STMicroelectronics TSH512 Datasheet HTML 6Page - STMicroelectronics TSH512 Datasheet HTML 7Page - STMicroelectronics TSH512 Datasheet HTML 8Page - STMicroelectronics TSH512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TSH512
Device diagrams and schematics
Doc ID 8120 Rev 7
5/31
Table 3.
Pin descriptions
Pin
Pin name
Related to
Direction(1)
Pin description
1
DEC2
TX2
-
Decoupling capacitor for internal voltage reference
2
MIC-BIAS2
TX2
O
Microphone bias
3
GND
-
-
Ground
4
VCC
-
-
Supply voltage
5
SBY
TX1 & TX2
I
Standby control (input pin)
6
VOX-INTS
TX1 & TX2
-
Time constant terminal for audio signal integrator in VOX
7
VOX-SENS
TX1 & TX2
-
Gain adjustment for VOX input sensitivity
8
VCC
-
-
Supply voltage
9
GND
-
-
Ground
10
MIC-BIAS1
TX1
O
Microphone bias
11
DEC1
TX1
-
Decoupling capacitor for internal voltage reference
12
LNA-INP1
TX1
I
LNA positive input
13
LNA-INN1
TX1
I
LNA negative input
14
LNA-OUT1
TX1
O
LNA output
15
ALC-INT1
TX1
-
Time constant terminal for integrator in ALC
16
PEA-INN1
TX1
I
Pre-emphasis amplifier negative input
17
PEA-OUT1
TX1
O
Pre-emphasis amplifier output
18
VCO-BIAS1
TX1
O
Bias for external VCO components
19
VCC
-
-
Supply voltage
20
VCO-A1
TX1
-
Oscillator component connection
21
VCO-B1
TX1
-
Oscillator component connection
22
VCO-OUT1
TX1
O
VCO output
23
GND
-
-
Ground
24
BUF-IN1
TX1
I
Input to the output buffer
25
BUF-OUT1
TX1
O
Output of the output buffer
26
VCC
-
-
Supply voltage
27
VOX-MUTE
TX1 & TX2
O
Mute control (output pin) in VOX
28
VOX-INTN
TX1 & TX2
-
Time constant terminal for noise integrator in VOX
29
VOX-TIMER
TX1 & TX2
-
Rise time for timer in VOX
30
GND
-
-
Ground
31
BUF-OUT2
TX2
O
Output of the output buffer
32
BUF-IN2
TX2
I
Input to the output buffer
33
GND
-
-
Ground
34
VCO-OUT2
TX2
O
VCO output
35
VCO-B2
TX2
-
Oscillator component connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com