Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 22Page - STMicroelectronics TSH512 Datasheet HTML 23Page - STMicroelectronics TSH512 Datasheet HTML 24Page - STMicroelectronics TSH512 Datasheet HTML 25Page - STMicroelectronics TSH512 Datasheet HTML 26Page - STMicroelectronics TSH512 Datasheet HTML 27Page - STMicroelectronics TSH512 Datasheet HTML 28Page - STMicroelectronics TSH512 Datasheet HTML 29Page - STMicroelectronics TSH512 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
General description
TSH512
26/31
Doc ID 8120 Rev 7
5.8
Output buffer section
The output buffers can deliver a sinusoidal signal with a 1.5 Vpp amplitude in a 1 kΩload.
This impedance is compatible with popular biasing circuitry of external transistor drivers of
IR LEDs.
The VOX-MUTE logic signal can be used to control the external LED drivers. When the
audio is not present on the TX1 input, VOX-MUTE is in Low state, the TSH512’s internal
buffers are muted, and the external drivers can be switched off by controlling their bias.
5.9
SBY pin: standby for mono operation
A high state on the Standby pin (SBY) sets the second transmitter TX2 to power-down. The
SBY pin is typically used when the TSH512 is used as a mono transmitter (that is, infrared
microphone transmitter).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com