Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 15Page - STMicroelectronics TSH512 Datasheet HTML 16Page - STMicroelectronics TSH512 Datasheet HTML 17Page - STMicroelectronics TSH512 Datasheet HTML 18Page - STMicroelectronics TSH512 Datasheet HTML 19Page - STMicroelectronics TSH512 Datasheet HTML 20Page - STMicroelectronics TSH512 Datasheet HTML 21Page - STMicroelectronics TSH512 Datasheet HTML 22Page - STMicroelectronics TSH512 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TSH512
General description
Doc ID 8120 Rev 7
19/31
Figure 26.
LNA schematics
The LNA gain is given by:
GLNA (dB) = 20.Log(1+RLNA2/RLNA1)
The high-pass cut-off frequency is:
fHPF = 1/(2.π.RLNA1.CLNA1)
The lowpass filter cut-off frequency is:
fLPF = 1/(2.π.RLNA2.CLNA2)
If you connect an external circuit to the LNA output, the impedance of this external circuit
should be higher than 10 m
Ωand the capacitance lower than 50 pF in order to keep a good
stability.
Note:
The capacitor C must be connected directly to input pin 12.
5.2
Electret condenser microphone source
When an electret condenser microphone (ECM) is used, a high gain LNA is recommended,
but low frequencies have to be attenuated. The ECM must be biased with a stable and clean
reference voltage. The TSH512 provides the LNA and the MIC-BIAS sections to perform this
function (see Section 5.3. MIC-BIAS section: microphone bias voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com