Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 12Page - STMicroelectronics TSH512 Datasheet HTML 13Page - STMicroelectronics TSH512 Datasheet HTML 14Page - STMicroelectronics TSH512 Datasheet HTML 15Page - STMicroelectronics TSH512 Datasheet HTML 16Page - STMicroelectronics TSH512 Datasheet HTML 17Page - STMicroelectronics TSH512 Datasheet HTML 18Page - STMicroelectronics TSH512 Datasheet HTML 19Page - STMicroelectronics TSH512 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Application information
TSH512
16/31
Doc ID 8120 Rev 7
4.2
Sub-carrier generator application: voice-operated wireless
camera
Thanks to its operating frequency, the TSH512 offers the possibility of generating usual
audio sub-carriers for video applications (Figure 23). The camera can be voice-activated
using the VOX-MUTE output of the TSH512. The TSH512 also provides bias, amplification,
ALC for the electret microphone.
Figure 23.
Typical block diagram for audio sub-carrier generator
4.3
Multimedia application
4.3.1
Headset side
The TSH512 is used in mono mode to transmit the signal of the electret condenser
microphone of the headset. The circuit is supplied by batteries and the VOX function
switches off the output stages to save energy. The usual working frequency is 1.7 MHz for
infrared mono operation.
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
VOX
SBY
buffer1
buffer2
Vcc
6 or 6.5 MHz
filter
Electret Condenser
Microphone
Miniature camera
FM 2.4 GHz
transmitter
6 or 6.5 MHz
Audio sub-carrier
Video
VOX-MUTE
Stand-By
S
Sub-carrier
Stand-By
TX1
TSH512
LNA + ALC
LNA + ALC
MIC. BIAS
MIC. BIAS
TX2
VOX
SBY
buffer1
buffer2
Vcc
6 or 6.5 MHz
filter
Electret Condenser
Microphone
Miniature camera
FM 2.4 GHz
transmitter
6 or 6.5 MHz
Audio sub-carrier
Video
VOX-MUTE
Stand-By
S
Sub-carrier
Stand-By
TX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com