Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 1 Page - ON Semiconductor

  LMV393DMR2G Datasheet HTML 1Page - ON Semiconductor LMV393DMR2G Datasheet HTML 2Page - ON Semiconductor LMV393DMR2G Datasheet HTML 3Page - ON Semiconductor LMV393DMR2G Datasheet HTML 4Page - ON Semiconductor LMV393DMR2G Datasheet HTML 5Page - ON Semiconductor LMV393DMR2G Datasheet HTML 6Page - ON Semiconductor LMV393DMR2G Datasheet HTML 7Page - ON Semiconductor LMV393DMR2G Datasheet HTML 8Page - ON Semiconductor LMV393DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 3
1
Publication Order Number:
LMV331/D
LMV331, LMV393, LMV339
Single, Dual, Quad General
Purpose, Low Voltage
Comparators
The LMV331 is a CMOS single channel, general purpose, low
voltage comparator. The LMV393 and LMV339 are dual and quad
channel versions, respectively. The LMV331/393/339 are specified
for 2.7 V to 5 V performance, have excellent input common−mode
range, low quiescent current, and are available in several space saving
packages.
The LMV331 is available in a 5−pin SC−70, a TSOP−5, and a
ULLGA8 package. The LMV393 is available in a 8−pin Micro8
t,
SOIC−8, and a UDFN8 package, and the LMV339 is available in a
SOIC−14 and a TSSOP−14 package.
The LMV331/393/339 are cost effective solutions for applications
where space saving, low voltage operation, and low power are the
primary specifications in circuit design for portable applications.
Features
Guaranteed 2.7 V and 5 V Performance
Input Common−mode Voltage Range Extends to Ground
Open Drain Output for Wired−OR Applications
Low Quiescent Current: 60 mA/channel TYP @ 5 V
Low Saturation Voltage 200 mV TYP @ 5 V
Propagation Delay 200 ns TYP @ 5 V
These are Pb−Free Devices
Typical Applications
Battery Monitors
Notebooks and PDA’s
General Purpose Portable Devices
General Purpose Low Voltage Applications
Figure 1. Inverting
Comparator with Hysteresis
+VCC
+
R3
V+
RPULL−UP
VO
RLOAD
R2
R1
VIN
VT1
VT2
VIN
VO
VCC
0
Figure 2. Hysteresis Curve
http://onsemi.com
SC−70
CASE 419A
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
Micro8
CASE 846A
SOIC−14
CASE 751A
TSSOP−14
CASE 948G
1
1
1
1
1
8
SOIC−8
CASE 751
1
5
TSOP−5
CASE 483
1
8
UDFN8
CASE 517AJ
1
ULLGA8
CASE 613AG


Similar Part No. - LMV393DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV393DMR2G ONSEMI-LMV393DMR2G Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV393DMR2G ONSEMI-LMV393DMR2G Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results

Similar Description - LMV393DMR2G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
logo
ams AG
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
Low-Voltage Single/Dual/Quad Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
Quad General-purpose Low-voltage Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com