Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 16 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 16 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 12Page - ON Semiconductor LMV393DMR2G Datasheet HTML 13Page - ON Semiconductor LMV393DMR2G Datasheet HTML 14Page - ON Semiconductor LMV393DMR2G Datasheet HTML 15Page - ON Semiconductor LMV393DMR2G Datasheet HTML 16Page - ON Semiconductor LMV393DMR2G Datasheet HTML 17Page - ON Semiconductor LMV393DMR2G Datasheet HTML 18Page - ON Semiconductor LMV393DMR2G Datasheet HTML 19Page - ON Semiconductor LMV393DMR2G Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
16
PACKAGE DIMENSIONS
UDFN8 1.8x1.2, 0.4P
CASE 517AJ−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 mm FROM TERMINAL TIP.
4. MOLD FLASH ALLOWED ON TERMINALS
ALONG EDGE OF PACKAGE. FLASH MAY
NOT EXCEED 0.03 ONTO BOTTOM
SURFACE OF TERMINALS.
5. DETAIL A SHOWS OPTIONAL
CONSTRUCTION FOR TERMINALS.
A B
E
D
BOTTOM VIEW
b
e
8X
B
A
C
C NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
8X
1
4
5
8
DIM MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.15
0.25
D
1.80 BSC
E
1.20 BSC
e
0.40 BSC
L
0.45
0.55
e/2
b2
0.30 REF
L1
0.00
0.03
L2
0.40 REF
DETAIL A
(L2)
(b2)
NOTE 5
L1
DETAIL A
M
0.10
M
0.05
0.22
0.32
8X
1.50
0.40 PITCH
0.66
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT*
7X
1
SOLDERMASK DEFINED
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com