Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 2 Page - ON Semiconductor

  LMV393DMR2G Datasheet HTML 1Page - ON Semiconductor LMV393DMR2G Datasheet HTML 2Page - ON Semiconductor LMV393DMR2G Datasheet HTML 3Page - ON Semiconductor LMV393DMR2G Datasheet HTML 4Page - ON Semiconductor LMV393DMR2G Datasheet HTML 5Page - ON Semiconductor LMV393DMR2G Datasheet HTML 6Page - ON Semiconductor LMV393DMR2G Datasheet HTML 7Page - ON Semiconductor LMV393DMR2G Datasheet HTML 8Page - ON Semiconductor LMV393DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
2
MARKING DIAGRAMS
CCAMG
G
PACKAGE PINOUTS
(Top Views)
SC−70/TSOP−5
LMV
339
ALYWG
G
1
14
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
V393
AYWG
G
1
8
LMV339
AWLYWWG
1
14
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
+IN
GND
+
−
1
2
3
5
4
GND
Inputs A
Inputs B
Output B
Output A
VCC
−
−
+
+
1
2
3
4
8
7
6
5
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
− Input 1
Output 1
Output 3
Output 4
+ Input 1
− Input 2
+ Input 2
+ Input 4
− Input 4
+ Input 3
− Input 3
VCC
GND
)
*
)
*
4
OUTPUT
VCC
−IN
Micro8 / SOIC−8 / UDFN8
SOIC−14 / TSSOP−14
V393
ALYW G
G
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
SC−70
CASE 419A
Micro8
CASE 846A
SOIC−14
CASE 751A
TSSOP−14
CASE 948G
SOIC−8
CASE 751
1
5
3CAAYWG
G
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
TSOP−5
CASE 483
CA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
CAMG
G
UDFN8
CASE 517AJ
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Package
XXMG
1
(Top Views)
(Top Views)
(Top Views)
ULLGA8
1
2
345
6
7
8
IN−
IN+
VCC−/GND
OUT
NC
VCC+
NC
NC
NC − No Internal Connection
(Note: Microdot may be in either location)
ULLGA8
CASE 613AG
CCA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com