Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 14 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 14 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 10Page - ON Semiconductor LMV393DMR2G Datasheet HTML 11Page - ON Semiconductor LMV393DMR2G Datasheet HTML 12Page - ON Semiconductor LMV393DMR2G Datasheet HTML 13Page - ON Semiconductor LMV393DMR2G Datasheet HTML 14Page - ON Semiconductor LMV393DMR2G Datasheet HTML 15Page - ON Semiconductor LMV393DMR2G Datasheet HTML 16Page - ON Semiconductor LMV393DMR2G Datasheet HTML 17Page - ON Semiconductor LMV393DMR2G Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
14
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A, SOT−353, SC−70
CASE 419A−02
ISSUE J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com