Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 6Page - ON Semiconductor LMV393DMR2G Datasheet HTML 7Page - ON Semiconductor LMV393DMR2G Datasheet HTML 8Page - ON Semiconductor LMV393DMR2G Datasheet HTML 9Page - ON Semiconductor LMV393DMR2G Datasheet HTML 10Page - ON Semiconductor LMV393DMR2G Datasheet HTML 11Page - ON Semiconductor LMV393DMR2G Datasheet HTML 12Page - ON Semiconductor LMV393DMR2G Datasheet HTML 13Page - ON Semiconductor LMV393DMR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
10
POSITIVE TRANSITION INPUT − VCC = 5.0 V
Figure 16. 10 mV Overdrive
Timebase
−400
200 ns/div
2.00 kS
1.0 GS/s
Trigger
Stop
−11.5 mV
Edge
Positive
Figure 17. 20 mV Overdrive
Timebase
−300
100 ns/div
1.00 kS
1.0 GS/s
Trigger
Stop
−49.5 mV
Edge
Positive
Figure 18. 100 mV Overdrive
Trigger
Stop
18 mV
Edge
Positive
Timebase
−150
100 ns/div
1.00 kS
1.0 GS/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com