Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 11Page - ON Semiconductor LMV393DMR2G Datasheet HTML 12Page - ON Semiconductor LMV393DMR2G Datasheet HTML 13Page - ON Semiconductor LMV393DMR2G Datasheet HTML 14Page - ON Semiconductor LMV393DMR2G Datasheet HTML 15Page - ON Semiconductor LMV393DMR2G Datasheet HTML 16Page - ON Semiconductor LMV393DMR2G Datasheet HTML 17Page - ON Semiconductor LMV393DMR2G Datasheet HTML 18Page - ON Semiconductor LMV393DMR2G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
15
PACKAGE DIMENSIONS
TSOP−5
CASE 483−02
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES
LEAD FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS
OF BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
5. OPTIONAL CONSTRUCTION: AN
ADDITIONAL TRIMMED LEAD IS ALLOWED
IN THIS LOCATION. TRIMMED LEAD NOT TO
EXTEND MORE THAN 0.2 FROM BODY.
DIM
MIN
MAX
MILLIMETERS
A
3.00 BSC
B
1.50 BSC
C
0.90
1.10
D
0.25
0.50
G
0.95 BSC
H
0.01
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.55
M
0
10
S
2.50
3.00
12
3
54
S
A
G
L
B
D
H
C
J
__
0.7
0.028
1.0
0.039
mm
inches
SCALE 10:1
0.95
0.037
2.4
0.094
1.9
0.074
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.20
5X
C AB
T
0.10
2X
2X
T
0.20
NOTE 5
T
SEATING
PLANE
0.05
K
M
DETAIL Z
DETAIL Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com