Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV393DMR2G Datasheet(PDF) 19 Page - ON Semiconductor

Part # LMV393DMR2G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393DMR2G Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LMV393DMR2G Datasheet HTML 13Page - ON Semiconductor LMV393DMR2G Datasheet HTML 14Page - ON Semiconductor LMV393DMR2G Datasheet HTML 15Page - ON Semiconductor LMV393DMR2G Datasheet HTML 16Page - ON Semiconductor LMV393DMR2G Datasheet HTML 17Page - ON Semiconductor LMV393DMR2G Datasheet HTML 18Page - ON Semiconductor LMV393DMR2G Datasheet HTML 19Page - ON Semiconductor LMV393DMR2G Datasheet HTML 20Page - ON Semiconductor LMV393DMR2G Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
LMV331, LMV393, LMV339
http://onsemi.com
19
PACKAGE DIMENSIONS
ULLGA8, 1.5x1.5, 0.5P
CASE 613AG−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
A
B
E
D
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
L
8X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
8X
A
A1
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L3
1
3
5
7
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.20
0.30
D
1.50 BSC
E
1.50 BSC
e
0.50 BSC
L
0.25
0.35
DIMENSIONS: MILLIMETERS
0.51
7X
0.32
8X
1.65
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT*
PACKAGE
OUTLINE
b1
0.30
0.40
L1
0.05 REF
L3
0.15 REF
b1
L1
0.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com