Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 4 Page - Texas Instruments

  PTH04T240FAS Datasheet HTML 1Page - Texas Instruments PTH04T240FAS Datasheet HTML 2Page - Texas Instruments PTH04T240FAS Datasheet HTML 3Page - Texas Instruments PTH04T240FAS Datasheet HTML 4Page - Texas Instruments PTH04T240FAS Datasheet HTML 5Page - Texas Instruments PTH04T240FAS Datasheet HTML 6Page - Texas Instruments PTH04T240FAS Datasheet HTML 7Page - Texas Instruments PTH04T240FAS Datasheet HTML 8Page - Texas Instruments PTH04T240FAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ELECTRICAL CHARACTERISTICS
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
PTH04T240F
TA = 25°C, VI = 5 V, VO = 1.0 V, CI = 220 µF, CO = 1000 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T240F
UNIT
MIN
TYP
MAX
IO
Output current
Over VO range
25°C, natural convection
0
10
A
0.69
≤ VO ≤ 1.7
2.2
5.5
VI
Input voltage range
Over IO range
V
1.7 < VO ≤ 2.0
VO+0.5
(1)
5.5
VOADJ
Output voltage adjust range
Over IO range
0.69
2.0
V
Set-point voltage tolerance
±0.5
±1 (2)
%Vo
Temperature variation
–40°C < TA < 85°C
±0.3
%Vo
VO
Line regulaltion
Over VI range
±3
mV
Load regulation
Over IO range
±2
mV
Total output variation
Includes set-point, line, load, –40°C
≤ TA ≤ 85°C
±1.5 (2)
%Vo
RSET = 2.83 kΩ, VO = 2.0 V
91%
RSET = 4.78 kΩ, VO = 1.8 V
90%
RSET = 7.09 kΩ, VO = 1.5 V
88%
η
Efficiency
IO = 10 A
RSET = 12.1 kΩ, VO = 1.2 V
87%
RSET = 20.8 kΩ, VO = 1.0 V
85%
RSET = 689 kΩ, VO = 0.7 V
80%
VO Ripple (peak-to-peak)
20-MHz bandwidth
20
mVPP
ILIM
Overcurrent threshold
Reset, followed by auto-recovery
20
A
ttr
Recovery time
200
µs
CO = 1000 µF, TypeB
RTT = open
2.5 A/µs load step
ΔVtr
VO over/undershoot
28
mV
Transient response
0.5 A to 3.5 A
ttrTT
Recovery time
300
µs
VO = 0.9 V
CO = 2000 µF, TypeB,
RTT = 23.7 kΩ
ΔVtrTT
VO over/undershoot
15
mV
IIL
Track input current (pin 10)
Pin to GND
–130(3)
µA
dVtrack/dt
Track slew rate capability
CO ≤ CO (max)
1
V/ms
VI increasing, RUVLO = OPEN
1.95
Adjustable Under-voltage lockout
UVLOADJ
VI decreasing, RUVLO = OPEN
1.5
V
(pin 11)
Hysteresis, RUVLO = OPEN
0.5
Input high voltage (VIH)
Open(4)
V
Inhibit control (pin 11)
Input low voltage (VIL)
-0.2
0.8
Input low current (IIL), Pin 11 to GND
235
µA
Iin
Input standby current
Inhibit (pin 11) to GND, Track (pin 10) open
5
mA
f s
Switching frequency
Over VI and IO ranges, SmartSync (pin 1) to GND
300
kHz
Synchronization (SYNC)
fSYNC
240
400
kHz
frequency
VSYNCH
SYNC High-Level Input Voltage
2
5.5
V
VSYNCL
SYNC Low-Level Input Voltage
0.8
V
tSYNC
SYNC Minimum Pulse Width
200
ns
Nonceramic
220 (5)
CI
External input capacitance
µF
Ceramic
22 (5)
(1)
The minimum input voltage is 2.2 V or (VO + 0.5) V, whichever is greater.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1% with 100 ppm/C or better temperature stability.
(3)
A low-leakage (<100 nA), open-drain device, such as MOSFET or voltage supervisor IC, is recommended to control pin 10. The
open-circuit voltage is less than VI.
(4)
This control pin has an internal pull-up. Do not place an external pull-up on this pin. If it is left open-circuit, the module operates when
input power is applied. A small, low-leakage (<100 nA) MOSFET is recommended for control. The open-circuit voltage is less than
3.5Vdc. For additional information, see the related application information section.
(5)
A 220 µF input capacitor is required for proper operation. The input capacitor must be rated for a minimum of 500 mA rms of ripple
current. An additional 22-
µF ceramic input capacitor is recommended to reduce rms ripple current.
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com