Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH04T240FAS Datasheet HTML 16Page - Texas Instruments PTH04T240FAS Datasheet HTML 17Page - Texas Instruments PTH04T240FAS Datasheet HTML 18Page - Texas Instruments PTH04T240FAS Datasheet HTML 19Page - Texas Instruments PTH04T240FAS Datasheet HTML 20Page - Texas Instruments PTH04T240FAS Datasheet HTML 21Page - Texas Instruments PTH04T240FAS Datasheet HTML 22Page - Texas Instruments PTH04T240FAS Datasheet HTML 23Page - Texas Instruments PTH04T240FAS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Soft-Start Power Up
V
I
GND
PTH04T240F
3
2
C
I
4
+
GND
UDG-08162
V
I
Track
10
V
I (2 V/div)
V
O (500 mV/div)
I
I (1 A/div)
T - Time - 4 ms/div
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
The Auto-Track feature allows the power-up of multiple PTH/PTV modules to be directly controlled from the
Track pin. However in a stand-alone configuration, or when the Auto-Track feature is not being used, the Track
pin should be directly connected to the input voltage, VI (see Figure 17).
When the Track pin is connected to the input voltage the Auto-Track function is permanently disengaged. This
allows the module to power up entirely under the control of its internal soft-start circuitry. When power up is
under soft-start control, the output voltage rises to the set-point at a quicker and more linear rate.
From the moment a valid input voltage is applied, the soft-start control introduces a short time delay (typically
5 ms–15 ms) before allowing the output voltage to rise.
The output then progressively rises to the module’s setpoint voltage. Figure 18 shows the soft-start power-up
characteristic of the PTH04T240F operating from a 5-V input bus and configured for a 1.8-V output. The
waveforms were measured with a 10-A constant current load and the Auto-Track feature disabled. The initial rise
in input current when the input voltage first starts to rise is the charge current drawn by the input capacitors.
Power-up is complete within 30 ms.
Figure 17. Defeating the Auto-Track Function
Figure 18. Power-Up Waveform
20
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com