Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH04T240FAS Datasheet HTML 17Page - Texas Instruments PTH04T240FAS Datasheet HTML 18Page - Texas Instruments PTH04T240FAS Datasheet HTML 19Page - Texas Instruments PTH04T240FAS Datasheet HTML 20Page - Texas Instruments PTH04T240FAS Datasheet HTML 21Page - Texas Instruments PTH04T240FAS Datasheet HTML 22Page - Texas Instruments PTH04T240FAS Datasheet HTML 23Page - Texas Instruments PTH04T240FAS Datasheet HTML 24Page - Texas Instruments PTH04T240FAS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
On/Off Inhibit
V
I
Inhibit/
UVLO Prog
1=Inhibit
PTH04T240F
3
2
C
I
11
4
+
GND
UDG-08163
V
I
GND
V
O (500 mV/div)
V
I (2 V/div)
I
I (1 A/div)
T - Time - 4 ms/div
PTH04T240F
www.ti.com ............................................................................................................................................... SLTS293A – DECEMBER 2008 – REVISED MARCH 2009
For applications requiring output voltage on/off control, the PTH04T240F incorporates an Inhibit control pin. The
inhibit feature can be used wherever there is a requirement for the output voltage from the regulator to be turned
off. The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 19 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pull-up. An external pull-up resistor should never be used with the inhibit pin. The input is not
compatible with TTL logic devices. An open-collector (or open-drain) discrete transistor is recommended for
control.
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within 40
ms. Figure 20 shows the typical rise in both the output voltage and input current, following the turn-off of Q1. The
turn off of Q1 corresponds to the rise in the waveform, VINH. The waveforms were measured with a 10-A constant
current load.
Figure 19. On/Off Inhibit Control Circuit
Figure 20. Power-Up Response from Inhibit Control
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com