Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTH04T240FAS Datasheet HTML 18Page - Texas Instruments PTH04T240FAS Datasheet HTML 19Page - Texas Instruments PTH04T240FAS Datasheet HTML 20Page - Texas Instruments PTH04T240FAS Datasheet HTML 21Page - Texas Instruments PTH04T240FAS Datasheet HTML 22Page - Texas Instruments PTH04T240FAS Datasheet HTML 23Page - Texas Instruments PTH04T240FAS Datasheet HTML 24Page - Texas Instruments PTH04T240FAS Datasheet HTML 25Page - Texas Instruments PTH04T240FAS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Smart Sync
PTH04T240F
V
I
C
I2
220 mF
R
SET2
Track
GND
VoAdj
TT
+Sense
-Sense
Inhibit/
UVLO
C
O2
1000 mF
GND
CLR
D
Q
PRE
V
I = 5 V
PTH08T220W
V
I
C
I1
330 mF
Track
GND
V
OAdj
V
O
TT
+Sense
-Sense
+
Inhibit/
UVLO
C
O1
220 mF
Sync
+
+
Q
CLK
V
CC
SN74LVC2G74
0°
180°
+
SYNC
UDG-08164
f
CLK = 2 x fMODULE
R
SET1
V
O
V
O1
V
O2
GND
GND
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Smart Sync is a feature that allows multiple power modules to be synchronized to a common frequency. Driving
the Smart Sync pins with an external oscillator set to the desired frequency, synchronizes all connected modules
to the selected frequency. The synchronization frequency can be higher or lower than the nominal switching
frequency of the modules within the range of 240 kHz to 400 kHz (see Electrical Specifications table for
synchronization limits). Synchronizing modules powered from the same bus, eliminates beat frequencies
reflected back to the input supply, and also reduces EMI filtering requirements. Eliminating the low beat
frequencies (usually < 10 kHz) allows the EMI filter to be designed to attenuate only the synchronization
frequency. Power modules can also be synchronized out of phase to minimize source current loading and
minimize input capacitance requirements. Figure 21 shows a standard circuit with two modules syncronized 180°
out of phase using a D flip-flop.
Figure 21. Smart Sync Schematic
22
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com