Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH04T240FAS Datasheet HTML 1Page - Texas Instruments PTH04T240FAS Datasheet HTML 2Page - Texas Instruments PTH04T240FAS Datasheet HTML 3Page - Texas Instruments PTH04T240FAS Datasheet HTML 4Page - Texas Instruments PTH04T240FAS Datasheet HTML 5Page - Texas Instruments PTH04T240FAS Datasheet HTML 6Page - Texas Instruments PTH04T240FAS Datasheet HTML 7Page - Texas Instruments PTH04T240FAS Datasheet HTML 8Page - Texas Instruments PTH04T240FAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
PTH04T240F
2
V
I
5
9
+
C
I
220 mF
(Required)
8
R
SET[A]
1%
0.05 W
(Required)
V
I
Track
GND
V
OAdj
V
O
TT
4
3
GND
GND
R
TT
1%
0.05W
(Required)
TurboTrans™
+Sense
6
L
O
A
D
-Sense
GND
+
11
R
UVLO
1%
0.05 W
(Optional)
Inhibit
INH/UVLO
Track
10
7
-Sense
+Sense
V
O
C
O
1000 mF
(Required)
SYNC
1
SmartSync
C
I2
22 mF
(Optional)
UDG-08158
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PTH04T240F
A.
`RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com