Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 1 Page - Texas Instruments

  PTH04T240FAS Datasheet HTML 1Page - Texas Instruments PTH04T240FAS Datasheet HTML 2Page - Texas Instruments PTH04T240FAS Datasheet HTML 3Page - Texas Instruments PTH04T240FAS Datasheet HTML 4Page - Texas Instruments PTH04T240FAS Datasheet HTML 5Page - Texas Instruments PTH04T240FAS Datasheet HTML 6Page - Texas Instruments PTH04T240FAS Datasheet HTML 7Page - Texas Instruments PTH04T240FAS Datasheet HTML 8Page - Texas Instruments PTH04T240FAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PTH04T240F
www.ti.com ............................................................................................................................................... SLTS293A – DECEMBER 2008 – REVISED MARCH 2009
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED
POWER MODULE FOR 3-GHz DSP SYSTEMS
2
• Up to 10-A Output Current
• TurboTrans™ Technology
• 2.2-V to 5.5-V Input Voltage
• Designed to meet Ultra-Fast Transient
Requirements for 3-GHz DSP Systems
• Wide-Output Voltage Adjust (0.69 V to 2.0 V)
• 15 mV Output Voltage Deviation
• ±1.5% Total Output Voltage Variation
(CO = 2000 µF, ΔI = 3 A)
• Efficiencies up to 94%
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• Wireless Infrastructure Base Stations
• Operating Temperature: –40°C to 85°C
• Safety Agency Approvals:
–
UL/IEC/CSA-C22.2 60950-1
• Prebias Startup
• On/Off Inhibit
• Differential Output Voltage Remote Sense
• Adjustable Undervoltage Lockout
• Auto-Track™ Sequencing
• SmartSync Technology
The PTH04T240F is a high-performance 10-A rated, non-isolated power module designed to meet ultra-fast
transient requirements for 3-GHz DSP systems like Texas Instruments' TMS320TCI6488. This module is an
addition to the 2nd generation of the popular PTH series power modules which include a reduced footprint and
additional features.
Operating from an input voltage range of 2.2 V to 5.5 V, the PTH04T240F requires a single resistor to set the
output voltage to any value over the range, 0.69 V to 2.0 V. The output voltage range makes the PTH04T240F
particularly suitable for the 3-GHz DSP's core voltage requirements.
The module incorporates a comprehensive list of features. Output over-current and over-temperature shutdown
protects against most load faults. A differential remote sense ensures tight load regulation. An adjustable
under-voltage lockout allows the turn-on voltage threshold to be customized. Auto-Track™sequencing is a
popular feature that greatly simplifies the simultaneous power-up and power-down of multiple modules in a
power system.
The PTH04T240F includes new patent pending technologies, TurboTrans™ and SmartSync. The TurboTrans
feature optimizes the transient response of the regulator while simultaneously reducing the quantity of external
output capacitors required to meet a target voltage deviation specification. TurboTrans allows the PTH04T240F
to meet the tight transient voltage tolerances required by 3-GHz DSPs with minimal output capacitance.
SmartSync allows for switching frequency synchronization of multiple modules, thus simplifying EMI noise
suppression tasks and reducing input capacitor RMS current requirements. The module uses double-sided
surface mount construction to provide a low profile and compact footprint. Package options include both
through-hole and surface mount configurations that are lead (Pb) - free and RoHS compatible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Auto-Track, TurboTrans, TMS320 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH04T240FAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T240FAS TI-PTH04T240FAS Datasheet
3Mb / 34P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T240FAST TI-PTH04T240FAST Datasheet
3Mb / 34P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
More results

Similar Description - PTH04T240FAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T240F TI-PTH08T240F Datasheet
383Kb / 15P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T240F TI-PTH04T240F Datasheet
3Mb / 34P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_08 Datasheet
1Mb / 37P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T261WAD TI-PTH04T261WAD Datasheet
1Mb / 36P
3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PTH04T260WAZ TI-PTH04T260WAZ Datasheet
1Mb / 36P
3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PTH08T240F TI-PTH08T240F_15 Datasheet
1Mb / 39P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com