Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04T240FAS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAS
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH04T240FAS Datasheet HTML 10Page - Texas Instruments PTH04T240FAS Datasheet HTML 11Page - Texas Instruments PTH04T240FAS Datasheet HTML 12Page - Texas Instruments PTH04T240FAS Datasheet HTML 13Page - Texas Instruments PTH04T240FAS Datasheet HTML 14Page - Texas Instruments PTH04T240FAS Datasheet HTML 15Page - Texas Instruments PTH04T240FAS Datasheet HTML 16Page - Texas Instruments PTH04T240FAS Datasheet HTML 17Page - Texas Instruments PTH04T240FAS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
PTH04T240F
SLTS293A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus
Max
Ripple
Capacitor Vendor,
Working
ESR
Value
Current
Physical
Input
Type Series (Style)
Turbo-Trans
Voltage
at 100
Vendor Part No.
(
µF)
at 85°C
Size (mm)
Bus
Capacitor
(V)
kHz
(Irms)
Type(2)
(m
Ω)
(mA)
Vishay-Sprague
597D, Tantalum (SMD)
10
330
35
2500
7,3×5,7×4,1
1
N/R(6)
597D337X010E2T
94SP, OS-CON (Radial)
6.3
390
16
3810
8 × 10,5
1
C
≥ 3(7)
94SP397X06R3EBP
94SVP OS-CON (SMD)
6.3
470
17
3960
8 × 12
1
C
≥ 2(7)
94SVP477X06F12
Kemet, Ceramic X5R
6.3
100
2
–
3225
1
A(7)
C1210C107M9PAC
(SMD)
6.3
47
2
1
A(7)
C1210C476K9PAC
Murata, Ceramic X5R
6.3
100
2
–
3225
1
A(7)
GRM32ER60J107M
(SMD)
6.3
47
1
A(7)
GRM32ER60J476ME20L
16
22
1
A(7)
GRM32ER61CE226KE20L
16
10
1
A(7)
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
2
–
3225
1
A(7)
C3225X5R0J107MT
(SMD)
6.3
47
1
A(7)
C3225X5R0J476MT
16
10
1
A(7)
C3225X5R1C106MT0
16
22
1
A(7)
C3225X5R1C226MT
(6)
Aluminum Electrolytic capacitor not recommended for TurboTrans due to higher ESR × capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(7)
Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
a. Type A = (100 < capacitance × ESR
≤ 1000) (Use Type A capacitors in addition to Type B or Type C)
b. Type B = (1,000 < capacitance × ESR
≤ 5,000)
c. Type C = (5,000 < capacitance × ESR
≤ 10,000)
14
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): PTH04T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com