Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 33Page - Texas Instruments TAS5713 Datasheet HTML 34Page - Texas Instruments TAS5713 Datasheet HTML 35Page - Texas Instruments TAS5713 Datasheet HTML 36Page - Texas Instruments TAS5713 Datasheet HTML 37Page - Texas Instruments TAS5713 Datasheet HTML 38Page - Texas Instruments TAS5713 Datasheet HTML 39Page - Texas Instruments TAS5713 Datasheet HTML 40Page - Texas Instruments TAS5713 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
2
s
m
2
s
m
AVDD/DVDD
PDN
PVDD
RESET
T0420-05
3V
8V
6V
I C
2
2ms
0ns
0ns
0ns
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
Figure 52. Power Loss Sequence
Initialization Sequence
Use the following sequence to power-up and initialize the device:
1.
Hold all digital inputs low and ramp up AVDD/DVDD to at least 3 V.
2.
Initialize digital inputs and PVDD supply as follows:
•
Drive RESET = 0, PDN = 1, and other digital inputs to their desired state while ensuring that
all are never more than 2.5 V above AVDD/DVDD. Wait at least 100 µs, drive RESET = 1,
and wait at least another 13.5 ms.
•
Ramp up PVDD to at least 8 V while ensuring that it remains below 6 V for at least 100 µs
after AVDD/DVDD reaches 3 V. Then wait at least another 10 µs.
3.
Trim oscillator (write 0x00 to register 0x1B) and wait at least 50 ms.
4.
Configure the DAP via I2C (see Users's Guide for typical values).
5.
Configure remaining registers.
6.
Exit shutdown (sequence defined below).
Normal Operation
The following are the only events supported during normal operation:
1.
Writes to master/channel volume registers.
2.
Writes to soft mute register.
3.
Enter and exit shutdown (sequence defined below).
Note: Event 3 is not supported for 240 ms + 1.3 × tstart after trim following AVDD/DVDD powerup ramp
(where tstart is specified by register 0x1A).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com