Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 19Page - Texas Instruments TAS5713 Datasheet HTML 20Page - Texas Instruments TAS5713 Datasheet HTML 21Page - Texas Instruments TAS5713 Datasheet HTML 22Page - Texas Instruments TAS5713 Datasheet HTML 23Page - Texas Instruments TAS5713 Datasheet HTML 24Page - Texas Instruments TAS5713 Datasheet HTML 25Page - Texas Instruments TAS5713 Datasheet HTML 26Page - Texas Instruments TAS5713 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
speaker load-impedance drops. If the high-current condition situation persists, i.e., the power stage is being
overloaded, a second protection system triggers a latching shutdown, resulting in the power stage being set in
the high-impedance (Hi-Z) state. The device returns to normal operation once the fault condition (i.e., a short
circuit on the output) is removed. Current-limiting and overcurrent protection are not independent for half-bridges.
That is, if the bridge-tied load between half-bridges A and B causes an overcurrent fault, half-bridges A, B, C,
and D are shut down.
Overtemperature Protection
The TAS5713 has an overtemperature-protection system. If the device junction temperature exceeds 150°C
(nominal), the device is put into thermal shutdown, resulting in all half-bridge outputs being set in the
high-impedance (Hi-Z) state and A_SEL_FAULT being asserted low. The TAS5713 recovers automatically once
the temperature drops approximately 30°C.
Undervoltage Protection (UVP) and Power-On Reset (POR)
The UVP and POR circuits of the TAS5713 fully protect the device in any power-up/down and brownout situation.
While powering up, the POR circuit resets the overload circuit (OLP) and ensures that all circuits are fully
operational when the PVDD and AVDD supply voltages reach 7.6 V and 2.7 V, respectively. Although PVDD and
AVDD are independently monitored, a supply-voltage drop below the UVP threshold on AVDD or either PVDD
pin results in all half-bridge outputs immediately being set in the high-impedance (Hi-Z) state and A_SEL_FAULT
being asserted low.
FAULT INDICATION
A_SEL_FAULT is an input pin during power up. This pin can be programmed after RESET to be an output by
writing 1 to bit 0 of I2C register 0x05. In that mode, the(A_SEL_FAULT pin has the definition shown in Table 1.
Any fault resulting in device shutdown is signaled by the A_SEL_FAULT pin going low (see Table 1). A latched
version of this pin is available on D1 of register 0x02. This bit can be reset only by an I2C write.
Table 1. A_SEL_FAULT Output States
A_SEL_FAULT
DESCRIPTION
0
Overcurrent (OC) or undervoltage (UVP) error or overtemperature error (OTE) or overvoltage
error
1
No faults (normal operation)
SSTIMER FUNCTIONALITY
The SSTIMER pin uses a capacitor connected between this pin and ground to control the output duty cycle when
exiting all-channel shutdown. The capacitor on the SSTIMER pin is slowly charged through an internal current
source, and the charge time determines the rate at which the output transitions from a near-zero duty cycle to the
desired duty cycle. This allows for a smooth transition that minimizes audible pops and clicks. When the part is
shut down, the drivers are placed in the high-impedance state and transition slowly down through a 3-k
Ω resistor,
similarly minimizing pops and clicks. The shutdown transition time is independent of the SSTIMER pin
capacitance. Larger capacitors increase the start-up time, while capacitors smaller than 2.2 nF decrease the
start-up time. The SSTIMER pin should be left floating for BD modulation.
CLOCK, AUTODETECTION, AND PLL
The TAS5713 is an I2S slave device. It accepts MCLK, SCLK, and LRCLK. The digital audio processor (DAP)
supports all the sample rates and MCLK rates that are defined in the clock control register .
The TAS5713 checks to verify that SCLK is a specific value of 32 fS, 48 fS, or 64 fS. The DAP only supports a 1 ×
fS LRCLK. The timing relationship of these clocks to SDIN is shown in subsequent sections. The clock section
uses MCLK or the internal oscillator clock (when MCLK is unstable, out of range, or absent) to produce the
internal clock (DCLK) running at 512 times the PWM switching frequency.
The DAP can autodetect and set the internal clock control logic to the appropriate settings for all supported clock
rates as defined in the clock-control register.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com