Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 14Page - Texas Instruments TAS5713 Datasheet HTML 15Page - Texas Instruments TAS5713 Datasheet HTML 16Page - Texas Instruments TAS5713 Datasheet HTML 17Page - Texas Instruments TAS5713 Datasheet HTML 18Page - Texas Instruments TAS5713 Datasheet HTML 19Page - Texas Instruments TAS5713 Datasheet HTML 20Page - Texas Instruments TAS5713 Datasheet HTML 21Page - Texas Instruments TAS5713 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
PO = 1W
PO = 2.5W
PO = 5W
G021
PVDD = 12V
RL = 4Ω
TA = 25°C
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
PO = 1W
PO = 2.5W
PO = 5W
G022
PVDD = 18V
RL = 4Ω
TA = 25°C
Output Power (W)
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
1
10
40
0.001
0.01
0.1
1
10
f = 20Hz
f = 1kHz
f = 10kHz
G026
PVDD = 12V
RL = 4Ω
TA = 25°C
Output Power (W)
TOTAL HARMONIC DISTORTION + NOISE
vs
OUTPUT POWER
0.01
0.1
1
10
50
0.001
0.01
0.1
1
10
f = 20Hz
f = 1kHz
f = 10kHz
G027
PVDD = 18V
RL = 4Ω
TA = 25°C
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION, 4
Ω
Figure 20.
Figure 21.
Figure 22.
Figure 23.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com