Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 2Page - Texas Instruments TAS5713 Datasheet HTML 3Page - Texas Instruments TAS5713 Datasheet HTML 4Page - Texas Instruments TAS5713 Datasheet HTML 5Page - Texas Instruments TAS5713 Datasheet HTML 6Page - Texas Instruments TAS5713 Datasheet HTML 7Page - Texas Instruments TAS5713 Datasheet HTML 8Page - Texas Instruments TAS5713 Datasheet HTML 9Page - Texas Instruments TAS5713 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
SSTIMER
NC
PLL_FLTP
VR_ANA
PBTL
AVSS
PLL_FLTM
BST_A
NC
PVDD_A
OUT_A
RESET
PVDD_A
STEST
DVDD
DVSS
GND
VREG
PVDD_D
BST_D
OUT_D
AGND
PVDD_D
GVDD_OUT
P0075-09
PHP Package
(Top View)
TAS5713
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENT
PIN FUNCTIONS
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AGND
30
P
Local analog ground for power stage
A_SEL_FAULT
14
DIO
This pin is monitored on the rising edge of RESET. A value of 0
(15-k
Ω pulldown) sets the I2C device address to 0x34 and a value of
1 (15-k
Ω pullup) sets it to 0x36. this dual-function pin can be
programmed to output internal power-stage errors.
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
43
P
High-side bootstrap supply for half-bridge B
BST_C
42
P
High-side bootstrap supply for half-bridge C
BST_D
33
P
High-side bootstrap supply for half-bridge D
DVDD
27
P
3.3-V digital power supply
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are weak pullups and all pulldowns are weak pulldowns. The pullups and pulldowns are included to assure proper input logic
levels if the pins are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input).
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com