Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 17Page - Texas Instruments TAS5713 Datasheet HTML 18Page - Texas Instruments TAS5713 Datasheet HTML 19Page - Texas Instruments TAS5713 Datasheet HTML 20Page - Texas Instruments TAS5713 Datasheet HTML 21Page - Texas Instruments TAS5713 Datasheet HTML 22Page - Texas Instruments TAS5713 Datasheet HTML 23Page - Texas Instruments TAS5713 Datasheet HTML 24Page - Texas Instruments TAS5713 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Supply Voltage (V)
OUTPUT POWER
vs
SUPPLY VOLTAGE
8
10
12
14
16
18
20
22
24
26
0
10
20
30
40
50
60
THD+N = 1%
THD+N = 10%
G019
RL = 4Ω
TA = 25°C
Total Output Power (W)
EFFICIENCY
vs
TOTAL OUTPUT POWER
0
10
20
30
40
50
60
0
10
20
30
40
50
60
70
80
90
100
PVDD = 12V
PVDD = 24V
G020
RL = 4Ω
TA = 25°C
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION, 4
Ω (continued)
NOTE: Dashed lines represent thermally limited regions.
A. Dashed line represents thermally limited regions.
Figure 30.
Figure 31.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com