Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 5Page - Texas Instruments TAS5713 Datasheet HTML 6Page - Texas Instruments TAS5713 Datasheet HTML 7Page - Texas Instruments TAS5713 Datasheet HTML 8Page - Texas Instruments TAS5713 Datasheet HTML 9Page - Texas Instruments TAS5713 Datasheet HTML 10Page - Texas Instruments TAS5713 Datasheet HTML 11Page - Texas Instruments TAS5713 Datasheet HTML 12Page - Texas Instruments TAS5713 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
PLL INPUT PARAMETERS AND EXTERNAL FILTER COMPONENTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLKI
MCLK frequency
2.8224
24.576
MHz
MCLK duty cycle
40%
50%
60%
tr /
Rise/fall time for MCLK
5
ns
tf(MCLK)
LRCLK allowable drift before LRCLK reset
4
MCLKs
External PLL filter capacitor C1
SMD 0603 X7R
47
nF
External PLL filter capacitor C2
SMD 0603 X7R
4.7
nF
External PLL filter resistor R
SMD 0603, metal film
470
Ω
ELECTRICAL CHARACTERISTICS
DC Characteristics
TA = 25°, PVCC_x = 18 V, DVDD = AVDD = 3.3 V, RL= 8 Ω, BTL AD mode, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA
VOH
High-level output voltage
A_SEL_FAULT and SDA
2.4
V
DVDD = 3 V
IOL = 4 mA
VOL
Low-level output voltage
A_SEL_FAULT and SDA
0.5
V
DVDD = 3 V
VI < VIL ; DVDD = AVDD
IIL
Low-level input current
75
μA
= 3.6V
VI > VIH ; DVDD =
IIH
High-level input current
75(1)
μA
AVDD = 3.6V
Normal mode
48
83
3.3 V supply voltage (DVDD,
IDD
3.3 V supply current
mA
Reset (RESET = low,
26
40
AVDD)
PDN = high)
Normal mode
41
75
IPVDD
Supply current
No load (PVDD_x)
mA
Reset (RESET = low,
5
13
PDN = high)
Drain-to-source resistance, LS TJ = 25°C, includes metallization resistance
110
rDS(on)
(2)
m
Ω
Drain-to-source resistance,
TJ = 25°C, includes metallization resistance
110
HS
I/O Protection
Vuvp
Undervoltage protection limit
PVDD falling
7.2
V
Vuvp,hyst
Undervoltage protection limit
PVDD rising
7.6
V
OTE(3)
Overtemperature error
150
°C
Extra temperature drop
OTEHYST
(3)
30
°C
required to recover from error
OLPC
Overload protection counter
fPWM = 384 kHz
0.63
ms
IOC
Overcurrent limit protection
4.5
A
IOCT
Overcurrent response time
150
ns
Internal pulldown resistor at
Connected when drivers are tristated to provide bootstrap
RPD
3
k
Ω
the output of each half-bridge
capacitor charge.
(1)
IIH for the PBTL pin has a maximum limit of 200 µA due to an internal pulldown on the pin.
(2)
This does not include bond-wire or pin resistance.
(3)
Specified by design
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com