Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 4Page - Texas Instruments TAS5713 Datasheet HTML 5Page - Texas Instruments TAS5713 Datasheet HTML 6Page - Texas Instruments TAS5713 Datasheet HTML 7Page - Texas Instruments TAS5713 Datasheet HTML 8Page - Texas Instruments TAS5713 Datasheet HTML 9Page - Texas Instruments TAS5713 Datasheet HTML 10Page - Texas Instruments TAS5713 Datasheet HTML 11Page - Texas Instruments TAS5713 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD, AVDD
–0.3 to 3.6
V
Supply voltage
PVDD_x
–0.3 to 30
V
3.3-V digital input
–0.5 to DVDD + 0.5
V
Input voltage
5-V tolerant(2) digital input (except MCLK)
–0.5 to DVDD + 2.5(3)
5-V tolerant MCLK input
–0.5 to AVDD + 2.5(3)
OUT_x to PGND_x
32(4)
V
BST_x to PGND_x
43(4)
V
Input clamp current, IIK
±20
mA
Output clamp current, IOK
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage should not exceed 6 V.
(4)
DC voltage + peak ac waveform measured at the pin should be below the allowed limit for all conditions.
DISSIPATION RATINGS
(1)
DERATING FACTOR
TA ≤ 25°C
TA = 45°C
TA = 70°C
PACKAGE
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
7-mm × 7-mm HTQFP
40 mW/°C
5 W
4.2 W
3.2 W
(1)
This data was taken using 1-oz. (0.035-mm thick) trace and copper pad that is soldered directly to a JEDEC-standard high-k PCB. The
thermal pad must be soldered to a thermal land on the printed-circuit board. See the PowerPad™ Thermally Enhanced Package
application report (SLMA002) for more information about using the HTQFP thermal pad.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Digital/analog supply voltage
DVDD, AVDD
3
3.3
3.6
V
Half-bridge supply voltage
PVDD_x
8
26
V
VIH
High-level input voltage
5-V tolerant
2
V
VIL
Low-level input voltage
5-V tolerant
0.8
V
TA
Operating ambient temperature range
0
85
°C
TJ
(1)
Operating junction temperature range
0
125
°C
RL (BTL)
Load impedance
Output filter: L = 15
μH, C = 680 nF
4
8
Ω
RL (PBTL)
Load impedance
Output filter: L = 15
μH, C = 680 nF
2
4
Ω
Minimum output inductance under
LO (BTL)
Output-filter inductance
10
μH
short-circuit condition
(1)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device.
PWM OPERATION AT RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
VALUE
UNIT
11.025/22.05/44.1-kHz data rate ±2%
352.8
Output sample rate
kHz
48/24/12/8/16/32-kHz data rate ±2%
384
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com