Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 160 page
background image
Timer
Operation
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Timer
103
9.4.1 Pin Functions
The timer uses two pins.
9.4.1.1 PD7/TCAP
PD7/TCAP is the input capture pin. When an active edge occurs on
PD7/TCAP, the timer transfers the current counter value to the input
capture registers. PD7/TCAP is also an I/O port pin.
9.4.1.2 TCMP
TCMP is the output-only output compare pin. When the counter value
matches the value written in the output compare registers, the timer
transfers the output level bit, OLVL, to the TCMP pin.
9.4.2 Input Capture
The input capture function is a means to record the time at which an
external event occurs. When the input capture circuitry detects an active
edge on the PD7/TCAP pin, it latches the contents of the timer registers
into the input capture registers. The polarity of the active edge is
programmable.
Latching values into the input capture registers at successive edges of
the same polarity measures the period of the input signal on the
PD7/TCAP pin. Latching the counter values at successive edges of
opposite polarity measures the pulse width of the signal. Figure 9-3
shows the logic of the input capture function.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com