Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 160 page
background image
Timer
Technical Data
MC68HC705P9 — Rev. 4.0
104
Timer
MOTOROLA
Figure 9-3. Input Capture Operation
9.4.3 Output Compare
The output compare function is a means of generating an output signal
when the 16-bit counter reaches a selected value. Software writes the
selected value into the output compare registers. On every fourth
internal clock cycle the output compare circuitry compares the value of
the counter to the value written in the output compare registers. When a
match occurs, the timer transfers the programmable output level bit
(OLVL) from the timer control register to the TCMP pin.
Software can use the output compare register to measure time periods,
to generate timing delays, or to generate a pulse of specific duration or
a pulse train of specific frequency and duty cycle on the TCMP pin.
Figure 9-4 shows the logic of the output compare function.
Figure 9-4. Output Compare Operation
TCAP
EDGE
SELECT/
DETECT
LOGIC
TRH
TRL
ICRH
ICRL
ICIE
IEDG
ICF
TIMER
INTERRUPT
REQUEST
16-BIT COMPARATOR
OCRH ($0016)
OCRL ($0017)
16-BIT COUNTER
TCMP
PIN
CONTROL
LOGIC
OCIE
OLVL
OCF
TIMER
INTERRUPT
REQUEST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com