Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 160 page
background image
Timer
Technical Data
MC68HC705P9 — Rev. 4.0
108
Timer
MOTOROLA
9.6 Interrupts
The following timer sources can generate interrupts:
•
Input capture flag (ICF) — The ICF bit is set when an edge of the
selected polarity occurs on the input capture pin. The input
capture interrupt enable bit, ICIE, enables ICF interrupt requests.
•
Output compare flag (OCF) — The OCF bit is set when the
counter value matches the value written in the output compare
registers. The output compare interrupt enable bit, OCIE, enables
OCF interrupt requests.
•
Timer overflow flag (TOF) — The TOF bit is set when the counter
value rolls over from $FFFF to $0000. The timer overflow enable
bit (TOIE) enables timer overflow interrupt requests.
Table 9-3 summarizes the timer interrupt sources.
9.7 I/O Registers
The following registers control and monitor the operation of the timer:
•
Timer control register (TCR)
•
Timer status register (TSR)
•
Timer registers (TRH and TRL)
•
Alternate timer registers (ATRH and ATRL)
•
Input capture registers (ICRH and ICRL)
•
Output compare registers (OCRH and OCRL)
Table 9-3. Timer Interrupt Sources
Source
Local Mask
Global
Mask
Priority
(1 = Highest)
ICF Bit
OCF Bit
TOF Bit
ICIE Bit
OCIE Bit
TOIE Bit
I Bit
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com