Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 160 page
background image
Timer
Technical Data
MC68HC705P9 — Rev. 4.0
110
Timer
MOTOROLA
Bits 4–2 — Unused
These are read/write bits that always read as logic zeros.
IEDG — Input Edge
The state of this read/write bit determines whether a positive or
negative transition on the PD7/TCAP pin triggers a transfer of the
contents of the timer registers to the input capture registers. Reset
has no effect on the IEDG bit.
1 = Positive edge (low-to-high transition) triggers input capture
0 = Negative edge (high-to-low transition) triggers input capture
OLVL — Output Level
The state of this read/write bit determines whether a logic one or a
logic zero appears on the TCMP pin when a successful output
compare occurs. Reset clears the OLVL bit.
1 = TCMP goes high on output compare
0 = TCMP goes low on output compare
9.7.2 Timer Status Register
The timer status register (TSR) contains flags for the following events:
•
An active signal on the PD7/TCAP pin, transferring the contents of
the timer registers to the input capture registers
•
A match between the 16-bit counter and the output compare
registers, transferring the OLVL bit to the TCMP pin
•
A timer rollover from $FFFF to $0000
$0013
Bit 7
6
54321
Bit 0
Read:
ICF
OCF
TOF
00000
Write:
Reset:
U
U
U
00000
= Unimplemented
U = Unaffected
Figure 9-11. Timer Status Register (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com