Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 160 page
background image
Timer
I/O Registers
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Timer
111
ICF — Input Capture Flag
The ICF bit is automatically set when an edge of the selected polarity
occurs on the PD7/TCAP pin. Clear the ICF bit by reading the timer
status register with ICF set, and then reading the low byte of the input
capture registers. Reset has no effect on ICF.
1 = Input capture
0 = No input capture
OCF — Output Compare Flag
The OCF bit is automatically set when the value of the timer registers
matches the contents of the output compare registers. Clear the OCF
bit by reading the timer status register with OCF set, and then reading
the low byte of the output compare registers. Reset has no effect on
OCF.
1 = Output compare
0 = No output compare
TOF — Timer Overflow Flag
The TOF bit is automatically set when the 16-bit counter rolls over
from $FFFF to $0000. Clear the TOF bit by reading the timer status
register with TOF set, and then reading the low byte of the timer
registers. Reset has no effect on TOF.
1 = Timer overflow
0 = No timer overflow
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com