Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P9CS Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MC68HC705P9CS
Description  Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705P9CS Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MC68HC705P9CS Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705P9CS Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 160 page
background image
Timer
I/O Registers
MC68HC705P9 — Rev. 4.0
Technical Data
MOTOROLA
Timer
115
9.7.6 Output Compare Registers
When the value of the 16-bit counter matches the value in the read/write
output compare registers (OCRH and OCRL), the planned TCMP pin
action takes place. Writing to OCRH before writing to OCRL inhibits
timer compares until OCRL is written. Reading or writing to OCRL after
reading the timer status register clears the output compare flag (OCF).
To prevent OCF from being set between the time it is read and the time
the output compare registers are updated, use the following procedure:
1. Disable interrupts by setting the I bit in the condition code register.
2. Write to OCRH. Compares are now inhibited until OCRL is written.
3. Clear bit OCF by reading the timer status register (TSR).
4. Enable the output compare function by writing to OCRL.
5. Enable interrupts by clearing the I bit in the condition code register.
$0016
Bit 7
6
54321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Unaffected by reset
$0017
Bit 7
6
54321
Bit 0
Read:
Bit 7
6
54321
Bit 0
Write:
Reset:
Unaffected by reset
Figure 9-17. Output Compare Registers (OCRH and OCRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com